Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3784 Datasheet(PDF) 7 Page - KODENSHI_AUK CORP.

Part # S3784
Description  8CH Darlington TR Source Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

S3784 Datasheet(HTML) 7 Page - KODENSHI_AUK CORP.

Back Button S3784 Datasheet HTML 2Page - KODENSHI_AUK CORP. S3784 Datasheet HTML 3Page - KODENSHI_AUK CORP. S3784 Datasheet HTML 4Page - KODENSHI_AUK CORP. S3784 Datasheet HTML 5Page - KODENSHI_AUK CORP. S3784 Datasheet HTML 6Page - KODENSHI_AUK CORP. S3784 Datasheet HTML 7Page - KODENSHI_AUK CORP. S3784 Datasheet HTML 8Page - KODENSHI_AUK CORP. S3784 Datasheet HTML 9Page - KODENSHI_AUK CORP. S3784 Datasheet HTML 10Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
KSD-I7C006-000
7
Fab. 2011 REV. 00
IOUT – VIN
IOUT – VIN
IOUT – VCE(sat)
PD – Ta
IIN – VIN
IIN – VIN
0
0.4
0.8
1.2
1.6
2.0
2.4
0
1.0
2.0
3.0
4.0
5.0
6.0
Input Voltage VIN [V]
Input Voltage VIN [V]
500
400
300
200
100
0
500
400
300
200
100
0
S3783/P
Ta=25
0
0.8
1.6
2.4
3.2
3.6
4.0
0
25
50
75
100
125
150
175
Output Saturation Voltage VCE(sat) [V]
Ambient Temperature Ta [
℃]
500
400
300
200
100
0
1.5
1.0
0.5
0
Ta=25
|VCC-VEE| 〉 5V
S378xP [DIP18]
S378x [SOP20]
S378x
0
4.0
8.0
12.0
16.0
20.0
24.0
0
8
16
24
32
40
48
Input Voltage VIN [V]
Input Voltage [V]
2.0
1.6
1.2
0.8
0.4
0
4.0
3.2
2.4
1.6
0.8
0
S3784/P
Ta=25
Free Air


Similar Part No. - S3784

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S3780 MICROSEMI-S3780 Datasheet
133Kb / 3P
   Silicon Power Rectifier
logo
New Jersey Semi-Conduct...
S3780 NJSEMI-S3780 Datasheet
93Kb / 1P
   Silicon Power Rectifier
More results

Similar Description - S3784

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S37701 KODENSHI-S37701 Datasheet
410Kb / 11P
   8CH Darlington TR Sink Driver
logo
IK Semicon Co., Ltd
IK62783 IKSEMICON-IK62783 Datasheet
419Kb / 10P
   8CH DARLINGTON SOURCE DRIVER
logo
Toshiba Semiconductor
TD62785P TOSHIBA-TD62785P Datasheet
216Kb / 6P
   8CH SOURCE DRIVER
TD62785PG TOSHIBA-TD62785PG Datasheet
280Kb / 10P
   8CH SOURCE DRIVER
logo
ARTSCHIP ELECTRONICS CO...
ULN2803 ARTSCHIP-ULN2803 Datasheet
343Kb / 8P
   8CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62081AP TOSHIBA-TD62081AP Datasheet
366Kb / 10P
   8CH DARLINGTON SINK DRIVER
TD62081APG TOSHIBA-TD62081APG Datasheet
271Kb / 13P
   8ch Darlington Sink Driver
ULN2803APG TOSHIBA-ULN2803APG Datasheet
460Kb / 12P
   8ch Darlington Sink Driver
logo
IK Semicon Co., Ltd
IK62083 IKSEMICON-IK62083_13 Datasheet
336Kb / 9P
   8CH Darlington Sink Driver
IK62083 IKSEMICON-IK62083 Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com