Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3773P Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # S3773P
Description  7CH Darlington TR Sink Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

S3773P Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  S3773P Datasheet HTML 1Page - KODENSHI_AUK CORP. S3773P Datasheet HTML 2Page - KODENSHI_AUK CORP. S3773P Datasheet HTML 3Page - KODENSHI_AUK CORP. S3773P Datasheet HTML 4Page - KODENSHI_AUK CORP. S3773P Datasheet HTML 5Page - KODENSHI_AUK CORP. S3773P Datasheet HTML 6Page - KODENSHI_AUK CORP. S3773P Datasheet HTML 7Page - KODENSHI_AUK CORP. S3773P Datasheet HTML 8Page - KODENSHI_AUK CORP. S3773P Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
KSD-I7D002-000
4
Fab. 2011 REV. 00
Characteristic
Symbol
Test
Circuit
Test Condition
Min.
Typ.
Max.
Unit
Output Leakage
Current
ICEX
1
VCE=50V, Ta=25°C
-
-
50
uA
VCE=50V, Ta=85°C
-
-
100
S3772/P
VCE=50V, VIN=6V
-
-
500
S3774/P
VCE=50V, VIN=1V
-
-
500
Collector – Emitter
Saturation Voltage
VCE(SAT)
2
IOUT=350mA, IIN=500uA
-
1.3
1.6
V
IOUT=200mA, IIN=350uA
-
1.1
1.3
IOUT=100mA, IIN=250uA
-
0.9
1.1
Input Current
S3772/P
IIN(ON)
3
VIN=17V
-
0.82
1.25
mA
S3773/P
VIN=3.85V
-
0.93
1.35
S3774/P
VIN=5V
-
0.35
0.5
VIN=12V
-
1.0
1.45
IIN(OFF)
4
IOUT=500uA, Ta=85°C
50
65
-
uA
Input Voltage
S3772/P
VIN(ON)
5
VCE=2V, IOUT=300mA
-
-
13
V
S3773/P
VCE=2V, IOUT=200mA
-
-
2.4
VCE=2V, IOUT=250mA
-
-
2.7
VCE=2V, IOUT=300mA
-
-
3.0
S3774/P
VCE=2V, IOUT=125mA
-
-
5.0
VCE=2V, IOUT=200mA
-
-
6.0
VCE=2V, IOUT=275mA
-
-
7.0
VCE=2V, IOUT=350mA
-
-
8.0
DC Current Transfer Ratio
hFE
2
VCE=2V, IOUT=350mA
1000
-
-
Clamp Diode Reverse Current
IR
6
VR=50V, Ta=25°C
-
-
50
uA
VR=50V, Ta=85°C
-
-
100
Clamp Diode Forward Voltage
VF
7
IF=350mA
-
-
2.0
V
Input Capacitance
CIN
-
-
15
-
pF
Turn-ON Delay
tON
8
VOUT=50V, RL=163Ω, CL=15pF
-
0.1
-
uS
Turn-OFF Delay
tOFF
-
0.2
-
S377x
◈ Electrical characteristics (Ta=-40~85°C; unless otherwise specified )


Similar Part No. - S3773P

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S37701 KODENSHI-S37701 Datasheet
410Kb / 11P
   8CH Darlington TR Sink Driver
S37701P KODENSHI-S37701P Datasheet
410Kb / 11P
   8CH Darlington TR Sink Driver
S37702 KODENSHI-S37702 Datasheet
410Kb / 11P
   8CH Darlington TR Sink Driver
S37702p KODENSHI-S37702p Datasheet
410Kb / 11P
   8CH Darlington TR Sink Driver
S37703 KODENSHI-S37703 Datasheet
410Kb / 11P
   8CH Darlington TR Sink Driver
More results

Similar Description - S3773P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62008APG TOSHIBA-TD62008APG Datasheet
472Kb / 10P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2003 UTC-ULN2003_11 Datasheet
328Kb / 10P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62007P TOSHIBA-TD62007P Datasheet
237Kb / 6P
   7CH DARLINGTON SINK DRIVER
TD62008AP TOSHIBA-TD62008AP Datasheet
251Kb / 6P
   7CH DARLINGTON SINK DRIVER
ULN2003AP TOSHIBA-ULN2003AP Datasheet
374Kb / 11P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2003 UTC-ULN2003_15 Datasheet
391Kb / 10P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62003FB TOSHIBA-TD62003FB Datasheet
293Kb / 7P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2004 UTC-ULN2004_10 Datasheet
212Kb / 8P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62003PA TOSHIBA-TD62003PA Datasheet
334Kb / 9P
   7CH DARLINGTON SINK DRIVER
TD62008AFWG TOSHIBA-TD62008AFWG Datasheet
171Kb / 8P
   7ch Darlington Sink Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com