Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZT157 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # PZT157
Description  PNP Transistor Silicon Planar High Performance Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

PZT157 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  PZT157 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH PZT157 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
PZT157
PNP Transistor
Silicon Planar High Performance Transistor
RoHS Compliant Product
http://www.SeCoSGmbH.com
Elektronische Bauelemente
The PZT157 is designed for general
purpose switching and amplifier
applications.
Description
* 3 Amps Continous Current
* -60 Volt VCEO
* Low Saturation Voltages
Features
ELECTRICAL CHARACTERISTICS Tamb=25
unless otherwise specified
Parameter
Symbol
Min
Typ.
Max
Uni
Test Conditions
Collector-Base Breakdown Voltage
BVCBO
-
-
V
IC=-100µA, IE=0
IC=-10mA, IB=0
IE=-100µA, IC=0
VCB=-60V, IE=0
VEB=-
C
=0
IC=-
VCE=- V, IC=
VCE=- V, IC=-100mA,
VCB=-10 , f=1MHz
, f=100MHz
VCC=-10V,IC=-
,IB1=IB2=- 0mA
*BVCEO
-60
-
-
V
BVEBO
-
-
V
ICBO
-
-
-100
nA
IEBO
-
-
nA
*VCE(sat)1
-
*VCE(sat)2
-
-
-
*VBE(sat)
V
*VBE(on)
V
*hFE1
-
*hFE2
200
300
*hFE3
-
*hFE4
-
fT
100
-
MH
Cob
-
40
-
pF
Ton
Toff
-
-
-
-
z
nS
Collector-Emitter Breakdown Voltage
Emitter-Base Breakdown Voltage
Collector-Base Cutoff Current
Emitter-Base Cutoff Current
Collector Saturation Voltage
Base Saturation Voltage
Base-Emitter Voltage
DC Current Gain
Gain-Bandwidth Product
Output Capacitance
On-Time
Off-Time
t
-80
-5
70
100
80
40
140
-450
-0.9
-0.8
-150
200
170
150
450
-100
-300
-600
-1.25
-1.0
30
mV
4V,I
1A,IB=-100mA
IC=-3A,IB=-300mA
IC=-1A,IB=-100mA
IC=-1A,VCE=-2V
2
-50mA
VCE=- V, IC=-
2
500mA
VCE=- V, IC=-
2
1A
VCE=- V, IC=-
2
2A
5
5
500mA
V
C
o
*Measured under pulse condition. Pulse width
300 s, Duty Cycle
2%
Spice parameter data is available upon request for this device.
Mi
llimeter
Mi
llimeter
MAXIMUM RATINGS* (Tamb =25 , unless otherwise specified)
C
Symbol
Parameter
Value
Collector Current (DC)
-6
-5
2
55~+150
-60
-80
-3
IC
Tstg
TJ,
Junction and
Total Power Dissipation
VEBO
PD
Emitter-Base Voltage
V
A
W
Storage Temperature
-
C
O
VCEO
Collector-Emitter Voltage
V
VCBO
Collector-Base Voltage
V
Units
Collector Current (Pulse)
o
SOT-223
01-Jun-2002 Rev. A
Page 1 of 2
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13 C
TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0 C
10 C
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70
5
1.40
1.80
1 5 7
DateCode
B
C
E
µ


Similar Part No. - PZT157

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
PZT157 SECOS-PZT157_15 Datasheet
1Mb / 2P
   PNP Transistor
More results

Similar Description - PZT157

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT751 ZETEX-FZT751 Datasheet
97Kb / 2P
   PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
GTM CORPORATION
GM157 GTM-GM157 Datasheet
353Kb / 2P
   PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
GL157 GTM-GL157 Datasheet
308Kb / 2P
   PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
Micro Commercial Compon...
FMMT718 MCC-FMMT718 Datasheet
450Kb / 4P
   PNP Silicon Planar High Performance Transistor
logo
Diodes Incorporated
FZT751 DIODES-FZT751 Datasheet
121Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
ZUMT591 DIODES-ZUMT591 Datasheet
57Kb / 2P
   SOT323 PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
ZUMT591 DIODES-ZUMT591_15 Datasheet
57Kb / 2P
   SOT323 PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
Zetex Semiconductors
ZUMT591 ZETEX-ZUMT591 Datasheet
50Kb / 2P
   SOT323 PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
Guangdong Kexin Industr...
FZT949 KEXIN-FZT949 Datasheet
38Kb / 2P
   PNP Silicon Planar High Current (High Performance) Transistor
logo
Zetex Semiconductors
FCX589 ZETEX-FCX589 Datasheet
18Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com