Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS-35-5 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # RS-35-5
Description  35W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RS-35-5 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  RS-35-5 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RS-35-5 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FileName:RS-35-SPEC2010-10-18
MechanicalSpecification
AMBIENTTEMPERATURE(
)
-25
-25
0
0
20
10
30
40
20
40
80
60
100
60
50
70
Others
3.3V,5V
CaseNo.932A
Unit:mm
StaticCharacteristics(24V)
150
100
50
25
200
250
300
INPUTVOLTAGE(VAC)60Hz
80
60
120
100
160
140
200
180
240
220
264
Ta=25
28
32
24
20
16
12
8
(HORIZONTAL)
DeratingCurve
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
O.V.P.
35WSingleOutputSwitchingPowerSupply
R S - 3 5 series
TerminalPinNo. Assignment
PinNo.
PinNo.
1
2
4
3
5
Assignment
Assignment
DCOUTPUT -V
DCOUTPUT +V
FG
AC/L
AC/N
4
5
3
2
1
5
88.5
99
20.5
55
3.5
3.5
18
74
6.5
87
3.5
3.5
2-M
3
BlockDiagram
fosc:60KHz


Similar Part No. - RS-35-5

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-35-5 ASTRODYNE-RS-35-5 Datasheet
448Kb / 2P
   35W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-35-5 MEANWELL-RS-35-5 Datasheet
371Kb / 2P
   35W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-35-5 RSG-RS-35-5 Datasheet
149Kb / 2P
   35W Single Output Switching Power Supply
More results

Similar Description - RS-35-5

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-35 ASTRODYNE-RS-35 Datasheet
448Kb / 2P
   35W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-35 RSG-RS-35 Datasheet
149Kb / 2P
   35W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-35 MEANWELL-RS-35_11 Datasheet
379Kb / 2P
   35W Single Output Switching Power Supply
PS-35 MEANWELL-PS-35_11 Datasheet
292Kb / 2P
   35W Single Output Switching Power Supply
APC-35 MEANWELL-APC-35_12 Datasheet
647Kb / 2P
   35W Single Output Switching Power Supply
SCP-35 MEANWELL-SCP-35_12 Datasheet
850Kb / 3P
   35W Single Output Switching Power Supply
LPV-35 MEANWELL-LPV-35_12 Datasheet
140Kb / 2P
   35W Single Output Switching Power Supply
APV-35 MEANWELL-APV-35_12 Datasheet
686Kb / 2P
   35W Single Output Switching Power Supply
NES-35 MEANWELL-NES-35 Datasheet
221Kb / 2P
   35W Single Output Switching Power Supply
EPS-35 MEANWELL-EPS-35 Datasheet
195Kb / 2P
   35W Single Output Switching Power Supply
logo
Astrodyne Corporation
RS35 ASTRODYNE-RS35 Datasheet
294Kb / 4P
   35W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com