Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS-35 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # RS-35
Description  35W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RS-35 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  RS-35_10 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RS-35_10 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
RS-35-3.3
RS-35-5
RS-35-12
RS-35-15
RS-35-24
RS-35-48
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
Note.4
LOADREGULATION
Note.5
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
3.3V
5V
12V
15V
24V
48V
7A
7A
3A
2.4A
1.5A
0.8A
0~7A
0~7A
0~3A
0~2.4A
0~1.5A
0~0.8A
23.1W
35W
36W
36W
36W
38.4W
80mVp-p
80mVp-p
120mVp-p
120mVp-p
120mVp-p
200mVp-p
2.9V~3.6V
4.5~5.5V
10.8~13.2V
13.5~16.5V
22~27.6V
42~54V
3.0%
2.0%
1.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
2.0%
1.0%
0.5%
0.5%
0.5%
0.5%
500ms,50ms/230VAC1200ms,50ms/115VAC atfullload
80ms/230VAC15ms/115VAC atfullload
88~264VAC125~373VDC (Withstand300VACsurgefor5sec.Withoutdamage)
47~63Hz
76.5%
3.8~4.45V
5.75~6.75V
13.8~16.2V
17.25~20.25V
27.6~32.4V
55.2~64.8V
80.5%
84.5%
86%
88%
88.5%
0.8A/115VAC0.55A/230VAC
COLDSTART 36A/230VAC
<2mA /240VAC
110~150% ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN61000-6-2(EN50082-2),heavyindustrylevel,criteria A
-25~+70
(Refertooutputloadderatingcurve)
20~90%RH non-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,5G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
249Khrsmin.MIL-HDBK-217F(25
)
FileName:RS-35-SPEC2010-10-18
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
99*82*36mm(L*W*H)
0.3Kg;45pcs/14Kg/0.83CUFT
35WSingleOutputSwitchingPowerSupply
R S - 3 5 series
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
ENVIRONMENT
SAFETY &
EMC
(Note6)
PROTECTION
EMICONDUCTION&RADIATION
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Line regulation is measured from low line to high line at rated load.
5. Load regulation is measured from 0% to 100% rated load.
6. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
Universal AC input / Full range
Protections: Short circuit / Over load / Over voltage
Cooling by free air convection
LED indicator for power on
100% full load burn-in test
All using 105
long life electrolytic capacitors
Withstand 300VAC surge input for 5 second
High operating temperature up to 70
Withstand 5G vibration test
High efficiency, long life and high reliability
3 years warranty
No load power consumption<0.5W
Features :


Similar Part No. - RS-35_10

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-35-12 ASTRODYNE-RS-35-12 Datasheet
448Kb / 2P
   35W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-35-12 MEANWELL-RS-35-12 Datasheet
371Kb / 2P
   35W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-35-12 RSG-RS-35-12 Datasheet
149Kb / 2P
   35W Single Output Switching Power Supply
logo
Astrodyne Corporation
RS-35-15 ASTRODYNE-RS-35-15 Datasheet
448Kb / 2P
   35W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-35-15 MEANWELL-RS-35-15 Datasheet
371Kb / 2P
   35W Single Output Switching Power Supply
More results

Similar Description - RS-35_10

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-35 ASTRODYNE-RS-35 Datasheet
448Kb / 2P
   35W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-35 RSG-RS-35 Datasheet
149Kb / 2P
   35W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-35 MEANWELL-RS-35_11 Datasheet
379Kb / 2P
   35W Single Output Switching Power Supply
PS-35 MEANWELL-PS-35_11 Datasheet
292Kb / 2P
   35W Single Output Switching Power Supply
APC-35 MEANWELL-APC-35_12 Datasheet
647Kb / 2P
   35W Single Output Switching Power Supply
SCP-35 MEANWELL-SCP-35_12 Datasheet
850Kb / 3P
   35W Single Output Switching Power Supply
LPV-35 MEANWELL-LPV-35_12 Datasheet
140Kb / 2P
   35W Single Output Switching Power Supply
APV-35 MEANWELL-APV-35_12 Datasheet
686Kb / 2P
   35W Single Output Switching Power Supply
NES-35 MEANWELL-NES-35 Datasheet
221Kb / 2P
   35W Single Output Switching Power Supply
EPS-35 MEANWELL-EPS-35 Datasheet
195Kb / 2P
   35W Single Output Switching Power Supply
logo
Astrodyne Corporation
RS35 ASTRODYNE-RS35 Datasheet
294Kb / 4P
   35W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com