Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320F2809 Datasheet(PDF) 54 Page - Texas Instruments

Part # TMS320F2809
Description  Digital Signal Processors
Download  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2809 Datasheet(HTML) 54 Page - Texas Instruments

Back Button TMS320F2809_11 Datasheet HTML 50Page - Texas Instruments TMS320F2809_11 Datasheet HTML 51Page - Texas Instruments TMS320F2809_11 Datasheet HTML 52Page - Texas Instruments TMS320F2809_11 Datasheet HTML 53Page - Texas Instruments TMS320F2809_11 Datasheet HTML 54Page - Texas Instruments TMS320F2809_11 Datasheet HTML 55Page - Texas Instruments TMS320F2809_11 Datasheet HTML 56Page - Texas Instruments TMS320F2809_11 Datasheet HTML 57Page - Texas Instruments TMS320F2809_11 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 145 page
background image
INT1
to
INT12
INT14
C28x
TINT2
TINT0
PIE
CPU-TIMER 2
(Reserved for
DSP/BIOS)
INT13
TINT1
XINT13
CPU-TIMER 0
CPU-TIMER 1
TMS320F2809, TMS320F2808, TMS320F2806
TMS320F2802, TMS320F2801, TMS320C2802
TMS320C2801, TMS320F28016, TMS320F28015
SPRS230M – OCTOBER 2003 – REVISED MARCH 2011
www.ti.com
In the 280x devices, the timer interrupt signals (TINT0, TINT1, TINT2) are connected as shown in
Figure 4-2.
A.
The timer registers are connected to the memory bus of the C28x processor.
B.
The timing of the timers is synchronized to SYSCLKOUT of the processor clock.
Figure 4-2. CPU-Timer Interrupt Signals and Output Signal
The general operation of the timer is as follows: The 32-bit counter register "TIMH:TIM" is loaded with the
value in the period register "PRDH:PRD". The counter register decrements at the SYSCLKOUT rate of the
C28x. When the counter reaches 0, a timer interrupt output signal generates an interrupt pulse. The
registers listed in Table 4-1 are used to configure the timers. For more information, see the TMS320x280x,
2801x, 2804x DSP System Control and Interrupts Reference Guide (literature number SPRU712).
Table 4-1. CPU-Timers 0, 1, 2 Configuration and Control Registers
NAME
ADDRESS
SIZE (x16)
DESCRIPTION
TIMER0TIM
0x0C00
1
CPU-Timer 0, Counter Register
TIMER0TIMH
0x0C01
1
CPU-Timer 0, Counter Register High
TIMER0PRD
0x0C02
1
CPU-Timer 0, Period Register
TIMER0PRDH
0x0C03
1
CPU-Timer 0, Period Register High
TIMER0TCR
0x0C04
1
CPU-Timer 0, Control Register
Reserved
0x0C05
1
Reserved
TIMER0TPR
0x0C06
1
CPU-Timer 0, Prescale Register
TIMER0TPRH
0x0C07
1
CPU-Timer 0, Prescale Register High
TIMER1TIM
0x0C08
1
CPU-Timer 1, Counter Register
TIMER1TIMH
0x0C09
1
CPU-Timer 1, Counter Register High
TIMER1PRD
0x0C0A
1
CPU-Timer 1, Period Register
TIMER1PRDH
0x0C0B
1
CPU-Timer 1, Period Register High
TIMER1TCR
0x0C0C
1
CPU-Timer 1, Control Register
Reserved
0x0C0D
1
Reserved
TIMER1TPR
0x0C0E
1
CPU-Timer 1, Prescale Register
TIMER1TPRH
0x0C0F
1
CPU-Timer 1, Prescale Register High
TIMER2TIM
0x0C10
1
CPU-Timer 2, Counter Register
TIMER2TIMH
0x0C11
1
CPU-Timer 2, Counter Register High
TIMER2PRD
0x0C12
1
CPU-Timer 2, Period Register
TIMER2PRDH
0x0C13
1
CPU-Timer 2, Period Register High
TIMER2TCR
0x0C14
1
CPU-Timer 2, Control Register
54
Peripherals
Copyright © 2003–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2809 TMS320F2808 TMS320F2806 TMS320F2802 TMS320F2801 TMS320C2802
TMS320C2801 TMS320F28016 TMS320F28015


Similar Part No. - TMS320F2809_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F2809 TI1-TMS320F2809_16 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI1-TMS320F2809_18 Datasheet
1Mb / 146P
[Old version datasheet]   Digital Signal Processors
TMS320F2809_1810 TI1-TMS320F2809_1810 Datasheet
1Mb / 146P
[Old version datasheet]   Digital Signal Processors
More results

Similar Description - TMS320F2809_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com