Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320F2809 Datasheet(PDF) 35 Page - Texas Instruments

Part # TMS320F2809
Description  Digital Signal Processors
Download  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2809 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMS320F2809_11 Datasheet HTML 31Page - Texas Instruments TMS320F2809_11 Datasheet HTML 32Page - Texas Instruments TMS320F2809_11 Datasheet HTML 33Page - Texas Instruments TMS320F2809_11 Datasheet HTML 34Page - Texas Instruments TMS320F2809_11 Datasheet HTML 35Page - Texas Instruments TMS320F2809_11 Datasheet HTML 36Page - Texas Instruments TMS320F2809_11 Datasheet HTML 37Page - Texas Instruments TMS320F2809_11 Datasheet HTML 38Page - Texas Instruments TMS320F2809_11 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 145 page
background image
TMS320F2809, TMS320F2808, TMS320F2806
TMS320F2802, TMS320F2801, TMS320C2802
TMS320C2801, TMS320F28016, TMS320F28015
www.ti.com
SPRS230M – OCTOBER 2003 – REVISED MARCH 2011
3.2.4
Real-Time JTAG and Analysis
The 280x implements the standard IEEE 1149.1 JTAG interface. Additionally, the 280x supports real-time
mode of operation whereby the contents of memory, peripheral and register locations can be modified
while the processor is running and executing code and servicing interrupts. The user can also single step
through non-time critical code while enabling time-critical interrupts to be serviced without interference.
The 280x implements the real-time mode in hardware within the CPU. This is a unique feature to the
280x, no software monitor is required. Additionally, special analysis hardware is provided which allows the
user to set hardware breakpoint or data/address watch-points and generate various user-selectable break
events when a match occurs.
3.2.5
Flash
The F2809 contains 128K x 16 of embedded flash memory, segregated into eight 16K x 16 sectors. The
F2808 contains 64K x 16 of embedded flash memory, segregated into four 16K x 16 sectors. The F2806
and F2802 have 32K x 16 of embedded flash, segregated into four 8K x 16 sectors. The F2801 device
contains 16K x 16 of embedded flash, segregated into four 4K x 16 sectors. All five devices also contain a
single 1K x 16 of OTP memory at address range 0x3D 7800 – 0x3D 7BFF. The user can individually
erase, program, and validate a flash sector while leaving other sectors untouched. However, it is not
possible to use one sector of the flash or the OTP to execute flash algorithms that erase/program other
sectors. Special memory pipelining is provided to enable the flash module to achieve higher performance.
The flash/OTP is mapped to both program and data space; therefore, it can be used to execute code or
store data information. Note that addresses 0x3F7FF0 – 0x3F7FF5 are reserved for data variables and
should not contain program code.
NOTE
The F2809/F2808/F2806/F2802/F2801 Flash and OTP wait-states can be configured by the
application. This allows applications running at slower frequencies to configure the flash to
use fewer wait-states.
Flash effective performance can be improved by enabling the flash pipeline mode in the
Flash options register. With this mode enabled, effective performance of linear code
execution will be much faster than the raw performance indicated by the wait-state
configuration alone. The exact performance gain when using the Flash pipeline mode is
application-dependent.
For more information on the Flash options, Flash wait-state, and OTP wait-state registers,
see the TMS320x280x, 2801x, 2804x DSP System Control and Interrupts Reference Guide
(literature number SPRU712).
3.2.6
ROM
The C2802 contains 32K x 16 of ROM, while the C2801 contains 16K x 16 of ROM.
3.2.7
M0, M1 SARAMs
All 280x devices contain these two blocks of single-access memory, each 1K x 16 in size. The stack
pointer points to the beginning of block M1 on reset. The M0 and M1 blocks, like all other memory blocks
on C28x devices, are mapped to both program and data space. Hence, the user can use M0 and M1 to
execute code or for data variables. The partitioning is performed within the linker. The C28x device
presents a unified memory map to the programmer. This makes for easier programming in high-level
languages.
Copyright © 2003–2011, Texas Instruments Incorporated
Functional Overview
35
Submit Documentation Feedback
Product Folder Link(s): TMS320F2809 TMS320F2808 TMS320F2806 TMS320F2802 TMS320F2801 TMS320C2802
TMS320C2801 TMS320F28016 TMS320F28015


Similar Part No. - TMS320F2809_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F2809 TI1-TMS320F2809_16 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI1-TMS320F2809_18 Datasheet
1Mb / 146P
[Old version datasheet]   Digital Signal Processors
TMS320F2809_1810 TI1-TMS320F2809_1810 Datasheet
1Mb / 146P
[Old version datasheet]   Digital Signal Processors
More results

Similar Description - TMS320F2809_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com