Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3056 Datasheet(PDF) 9 Page - KODENSHI_AUK CORP.

Part # S3056
Description  5CH BTL Motor Drive IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

S3056 Datasheet(HTML) 9 Page - KODENSHI_AUK CORP.

Back Button S3056 Datasheet HTML 5Page - KODENSHI_AUK CORP. S3056 Datasheet HTML 6Page - KODENSHI_AUK CORP. S3056 Datasheet HTML 7Page - KODENSHI_AUK CORP. S3056 Datasheet HTML 8Page - KODENSHI_AUK CORP. S3056 Datasheet HTML 9Page - KODENSHI_AUK CORP. S3056 Datasheet HTML 10Page - KODENSHI_AUK CORP. S3056 Datasheet HTML 11Page - KODENSHI_AUK CORP. S3056 Datasheet HTML 12Page - KODENSHI_AUK CORP. S3056 Datasheet HTML 13Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
KSD-I7A004-001
9
SEPT., 2010 REV. 01
5. Tray driver logic input
FWD [pin6]
REV [pin7]
VOTR+ [pin10]
VOTR- [pin9]
FUNCTION
L
L
OPEN
OPEN
Open mode
L
H
L
H
Reverse mode
H
L
H
L
Forward mode
H
H
L
L
Brake mode
Input circuit of pin6 [FWD] and pin7 [REV] is designed to avoid simultaneous activation of upper and
lower output power TR. however, in order to improve reliability, apply motor forward/reverse
input once through open mode. We recommend that the time period of open state is longer than 10msec.
“H” side output voltage on output voltage [VOL+, VOL-] varies depending on output control terminal
for tray. [pin21]“H” side output voltage is set three times (9.2dB typ.) VTCL [pin21], and “L” side
output voltage is equal to output saturation voltage.
VCTL
FWD
REV
VOTR(+)
VOTR(-)
R1
R2
-
+
Speed Control
Switching Logic
Driver 1
Driver 2
R3
R4
R5
R6
S3056


Similar Part No. - S3056

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
S305 NKK-S305 Datasheet
447Kb / 10P
   Medium/High Capacity Standard Size Toggles
logo
EnOcean GmbH.
S3051-A215 ENOCEAN-S3051-A215 Datasheet
170Kb / 1P
   DC Step code and later
Nov 2020
S3051-A535 ENOCEAN-S3051-A535 Datasheet
123Kb / 1P
   PTM 535U TRANSMITTER MODULE
Sep 2020
S3051-C320 ENOCEAN-S3051-C320 Datasheet
125Kb / 1P
   EnOcean Magnet Contact Sensor
April 2022
S3051-C350 ENOCEAN-S3051-C350 Datasheet
123Kb / 1P
   EnOcean Temperature & Humidity Sensor
April 2022
More results

Similar Description - S3056

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S3053 KODENSHI-S3053 Datasheet
530Kb / 13P
   5CH BTL Motor Drive IC
S3055 KODENSHI-S3055 Datasheet
521Kb / 13P
   5CH BTL Motor Drive IC
S3052 KODENSHI-S3052 Datasheet
580Kb / 14P
   5CH BTL Motor Drive IC
S3058 KODENSHI-S3058 Datasheet
465Kb / 12P
   5CH BTL Motor Drive IC
S3057 KODENSHI-S3057 Datasheet
504Kb / 12P
   5CH BTL Motor Drive IC
logo
AUK corp
S3001 AUK-S3001 Datasheet
765Kb / 19P
   5CH Motor Drive IC
S30011 AUK-S30011 Datasheet
757Kb / 19P
   5CH Motor Drive IC
logo
KODENSHI_AUK CORP.
S3045 KODENSHI-S3045 Datasheet
537Kb / 14P
   4CH BTL Motor Drive IC
logo
Princeton Technology Co...
PT5113 PTC-PT5113 Datasheet
197Kb / 4P
   5CH Motor Driver
logo
Rohm
BD6879KN ROHM-BD6879KN Datasheet
315Kb / 6P
   5ch Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com