Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C28345ZFEQ Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS320C28345ZFEQ
Description  Delfino Microcontrollers
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28345ZFEQ Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320C28345ZFEQ Datasheet HTML 7Page - Texas Instruments TMS320C28345ZFEQ Datasheet HTML 8Page - Texas Instruments TMS320C28345ZFEQ Datasheet HTML 9Page - Texas Instruments TMS320C28345ZFEQ Datasheet HTML 10Page - Texas Instruments TMS320C28345ZFEQ Datasheet HTML 11Page - Texas Instruments TMS320C28345ZFEQ Datasheet HTML 12Page - Texas Instruments TMS320C28345ZFEQ Datasheet HTML 13Page - Texas Instruments TMS320C28345ZFEQ Datasheet HTML 14Page - Texas Instruments TMS320C28345ZFEQ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 170 page
background image
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
www.ti.com
SPRS516B – MARCH 2009 – REVISED JULY 2010
Delfino Microcontrollers
Check for Samples: TMS320C28346, TMS320C28345, TMS320C28344, TMS320C28343, TMS320C28342, TMS320C28341
1
TMS320C2834x ( Delfino™) MCUs
1.1
Overview
The TMS320C2834x (C2834x) Delfino™ microcontroller (MCU) devices build on TI's existing F2833x
high-performance floating-point microcontrollers. The C2834x delivers up to 300 MHz of floating-point
performance, and has up to 516KB of on-chip RAM. Designed for real-time control applications, the
C2834x is based on the C28x™ core, making it code-compatible with all C28x microcontrollers. The
on-chip peripherals and low-latency core make the C2834x an excellent solution for performance-hungry
real-time control applications.
1.2
Features
1234
Dead-Band Generation
• High-Performance Static CMOS Technology
PWM Chopping by High-Frequency
– Up to 300 MHz (3.33-ns Cycle Time)
Carrier
– 1.1-V/1.2-V Core, 3.3-V I/O , 1.8-V
Trip Zone Input
PLL/Oscillator Design
Up to 9 HRPWM Outputs With 55-ps MEP
• High-Performance 32-Bit CPU (TMS320C28x)
Resolution at VDD = 1.1 V (65 ps at 1.2 V)
– IEEE-754 Single-Precision Floating-Point
– Six 32-Bit Enhanced Capture (eCAP)
Unit (FPU)
Modules
– 16 x 16 and 32 x 32 MAC Operations
Configurable as 3 Capture Inputs or
– 16 x 16 Dual MAC
3 Auxiliary Pulse Width Modulator
– Harvard Bus Architecture
Outputs
– Fast Interrupt Response and Processing
Single-Shot Capture of up to Four Event
– Code-Efficient (in C/C++ and Assembly)
Time-Stamps
• Six-Channel DMA Controller (for McBSP,
– Three 32-Bit Quadrature Encoder Pulse
XINTF, and SARAM)
(QEP) Modules
• 16-Bit or 32-Bit External Interface (XINTF)
– Six 32-Bit Timers/Nine 16-Bit Timers
– Over 2M x 16 Address Reach
• Three 32-Bit CPU Timers
• On-Chip Memory
• Serial Port Peripherals
– Up to 258K x 16 SARAM
– Up to 2 CAN Modules
– 8K x 16 Boot ROM
– Up to 3 SCI (UART) Modules
• Clock and System Control
– Up to 2 McBSP Modules (Configurable as
– Dynamic PLL Ratio Changes Supported
SPI)
– On-Chip Oscillator
– Up to 2 SPI Module s
– Watchdog Timer Module
– One Inter-Integrated-Circuit (I2C) Bus
• Peripheral Interrupt Expansion (PIE) Block That
• External ADC Interface
Supports All 64 Peripheral Interrupts
• Up to 88 Individually Programmable,
• Enhanced Control Peripherals
Multiplexed GPIO Pins With Input Filtering
– Eighteen Enhanced Pulse Width Modulator
• Advanced Emulation Features
(ePWM) Outputs
– Analysis and Breakpoint Functions
Dedicated 16-Bit Time-Based Counter
– Real-Time Debug via Hardware
With Period and Frequency Control
Single-Edge, Dual-Edge Symmetric, or
Dual-Edge Asymmetric Outputs
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Delfino, MicroStar BGA, C28x, TMS320C54x, TMS320C55x, Code Composer Studio, TMS320C28x are trademarks of Texas Instruments.
3
1-Wire is a registered trademark of Maxim Integrated Products, Inc.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMS320C28345ZFEQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C28345ZFEQ TI1-TMS320C28345ZFEQ Datasheet
2Mb / 170P
[Old version datasheet]   Delfino Microcontrollers
More results

Similar Description - TMS320C28345ZFEQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C28346 TI-TMS320C28346 Datasheet
1Mb / 153P
[Old version datasheet]   Delfino Microcontrollers
TMS320C28346 TI-TMS320C28346_V01 Datasheet
2Mb / 173P
[Old version datasheet]   TMS320C2834x Delfino Microcontrollers
TMS320C28346 TI1-TMS320C28346_15 Datasheet
2Mb / 170P
[Old version datasheet]   Delfino Microcontrollers
TMS320F28379S TI1-TMS320F28379S_17 Datasheet
2Mb / 213P
[Old version datasheet]   Delfino Microcontrollers
TMS320C28346 TI1-TMS320C28346_18 Datasheet
2Mb / 170P
[Old version datasheet]   Delfino Microcontrollers
TMS320F28379S TI1-TMS320F28379S_18 Datasheet
2Mb / 220P
[Old version datasheet]   Delfino Microcontrollers
TMS320C28346 TI-TMS320C28346_V02 Datasheet
4Mb / 170P
[Old version datasheet]   TMS320C2834x Delfino Microcontrollers
TMS320F28379D TI1-TMS320F28379D Datasheet
2Mb / 212P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28379D TI1-TMS320F28379D_18 Datasheet
2Mb / 222P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28377D-EP TI1-TMS320F28377D-EP_18 Datasheet
2Mb / 206P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com