Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S78D25D Datasheet(PDF) 5 Page - KODENSHI_AUK CORP.

Part # S78D25D
Description  Low Dropout Voltage Regulator (1.0A Series)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

S78D25D Datasheet(HTML) 5 Page - KODENSHI_AUK CORP.

  S78D25D Datasheet HTML 1Page - KODENSHI_AUK CORP. S78D25D Datasheet HTML 2Page - KODENSHI_AUK CORP. S78D25D Datasheet HTML 3Page - KODENSHI_AUK CORP. S78D25D Datasheet HTML 4Page - KODENSHI_AUK CORP. S78D25D Datasheet HTML 5Page - KODENSHI_AUK CORP. S78D25D Datasheet HTML 6Page - KODENSHI_AUK CORP. S78D25D Datasheet HTML 7Page - KODENSHI_AUK CORP. S78D25D Datasheet HTML 8Page - KODENSHI_AUK CORP. S78D25D Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
KSD-I0T007-001
5
October, 2010 REV. 01
Fig2. VOUT – TJ
Junction Temperature [℃]
2.60
2.55
2.50
2.45
2.40
2.35
2.30
2.25
-30
0
30
60
90
120
150
VOUT = 2.5V
S78Dxxx
-30
0
30
60
90
120
150
Fig1. IQC – TJ
Junction Temperature [℃]
2.80
2.60
2.40
2.20
2.00
1.80
1.60
1.40
Fig3. VOUT – VIN
Input Voltage VIN [V]
[ Over-Voltage Protection ]
0
5
10
15
20
25
30
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
VOUT = 2.5V
Fig4. VOUT – TJ
Junction Temperature [℃]
[ Thermal Shut-down Protection ]
25
50
75
100
125
150
175
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
VOUT = 2.5V


Similar Part No. - S78D25D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S78D25D KODENSHI-S78D25D Datasheet
414Kb / 11P
   Low Dropout Voltage Regulator
More results

Similar Description - S78D25D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S52D00D KODENSHI-S52D00D Datasheet
471Kb / 10P
   Low Dropout Voltage Regulator (1.0A Series)
KK1117-1.25 KODENSHI-KK1117-1.25 Datasheet
196Kb / 4P
   1.0A Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS7805AJ ORISTER-RS7805AJ Datasheet
794Kb / 12P
   1.0A Low Dropout Positive Voltage Regulator
logo
IK Semicon Co., Ltd
IL1117-XX IKSEMICON-IL1117-XX Datasheet
1,017Kb / 10P
   1.0A Low Dropout Positive Voltage Regulator
IL2940CT-XX IKSEMICON-IL2940CT-XX Datasheet
270Kb / 9P
   1.0A Low Dropout Positive Voltage Regulator
logo
Princeton Technology Co...
RS7805 PTC-RS7805 Datasheet
113Kb / 2P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A PTC-RS1117A Datasheet
229Kb / 3P
   1.0A Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS1117 ORISTER-RS1117 Datasheet
391Kb / 10P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A ORISTER-RS1117A Datasheet
867Kb / 13P
   1.0A Low Dropout Positive Voltage Regulator
logo
IK Semicon Co., Ltd
IL1117-X IKSEMICON-IL1117-X Datasheet
237Kb / 6P
   1.0A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com