Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3045 Datasheet(PDF) 7 Page - KODENSHI_AUK CORP.

Part # S3045
Description  4CH BTL Motor Drive IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

S3045 Datasheet(HTML) 7 Page - KODENSHI_AUK CORP.

Back Button S3045 Datasheet HTML 3Page - KODENSHI_AUK CORP. S3045 Datasheet HTML 4Page - KODENSHI_AUK CORP. S3045 Datasheet HTML 5Page - KODENSHI_AUK CORP. S3045 Datasheet HTML 6Page - KODENSHI_AUK CORP. S3045 Datasheet HTML 7Page - KODENSHI_AUK CORP. S3045 Datasheet HTML 8Page - KODENSHI_AUK CORP. S3045 Datasheet HTML 9Page - KODENSHI_AUK CORP. S3045 Datasheet HTML 10Page - KODENSHI_AUK CORP. S3045 Datasheet HTML 11Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
KSD-I7A001-002
7
SEPT., 2010 REV. 02
Application Information
1. Thermal Shut Down Circuit
The built-in thermal shutdown circuit mutes turn off the output current when the chip temperature
reaches 175℃ (typ.). The hysteresis is set to 25℃ (typ.) by IHys,
so the circuit will start up again when the chip temperature falling down to 150℃ (typ.)
2. Reference Input & Stand-by Function
•Reference input [ BIAS PIN : PIN 27 ]
The applied voltage at the reference input pin must be between 0.8V and 6.5V
( when SVcc=8.5V )
•Standby input [ PIN28 ]
The following input conditions must be satisfied for the standby function
Stand-by input voltage
OPERATION
Below 0.5V [ or Open ]
The stand-by function is activated so the bias block and power
block are disabled
Above 2.0V
Recover the normal operation
Bandgap Voltage
[ 1.25V ]
Actuators, Sled and
Loading motor
R1
R2
R3
R4
IHys
S3045


Similar Part No. - S3045

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S304 MICROSEMI-S304 Datasheet
114Kb / 3P
   Silicon Power Rectifier
S304080 MICROSEMI-S304080 Datasheet
114Kb / 3P
   Silicon Power Rectifier
S304100 MICROSEMI-S304100 Datasheet
114Kb / 3P
   Silicon Power Rectifier
S304100 MICROSEMI-S304100 Datasheet
162Kb / 3P
   SILICON POWER RECTIFIER
S304100 MICROSEMI-S304100 Datasheet
160Kb / 3P
   Silicon Power Rectifier
More results

Similar Description - S3045

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S3053 KODENSHI-S3053 Datasheet
530Kb / 13P
   5CH BTL Motor Drive IC
S3056 KODENSHI-S3056 Datasheet
515Kb / 13P
   5CH BTL Motor Drive IC
S3055 KODENSHI-S3055 Datasheet
521Kb / 13P
   5CH BTL Motor Drive IC
S3052 KODENSHI-S3052 Datasheet
580Kb / 14P
   5CH BTL Motor Drive IC
S3058 KODENSHI-S3058 Datasheet
465Kb / 12P
   5CH BTL Motor Drive IC
S3057 KODENSHI-S3057 Datasheet
504Kb / 12P
   5CH BTL Motor Drive IC
logo
Renesas Technology Corp
M63016FP RENESAS-M63016FP Datasheet
4Mb / 21P
   Spindle Motor AND 4CH ACTUATOR Drive IC
logo
Mitsubishi Electric Sem...
M63016FP MITSUBISHI-M63016FP Datasheet
577Kb / 20P
   Spindle Motor AND 4CH ACTUATOR Drive IC
logo
Sanyo Semicon Device
LA6245P SANYO-LA6245P Datasheet
313Kb / 10P
   Monolithic Linear IC For CD Player 4ch Bridge (BTL) Motor Driver
logo
Rohm
BD8229EFV ROHM-BD8229EFV Datasheet
490Kb / 12P
   4ch System Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com