Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPT-75 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # RPT-75
Description  75W Triple Output Medical Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RPT-75 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  RPT-75 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RPT-75 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RPT-75 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
500ms,30ms/230VAC500ms,30ms/115VACatfullload
80ms/230VAC20ms/115VACatfullload
90~264VAC127~370VDC
47~63Hz
1.5A/115VAC1A/230VAC
COLDSTART 25A/115VAC50A/230VAC
140~180% ratedoutputpower
-20~+70
(Refertooutputloadderatingcurve)
20~90%RH non-condensing
-40~+85
,10~95%RH
0.03%/
(0~45
)
10~500Hz,2G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
FileName:RPT-75-SPEC2011-03-31
OVERVOLTAGE
HARMONICCURRENT
EMSIMMUNITY
R P T- 7 5 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
EMICONDUCTION&RADIATION
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Length of set up time is measured at cold first start. Turning ON/OFF the power supply may lead to increase of the set up time.
6. Heat Sink HS1,HS2,HS3 can not be shorted.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
76%
LINEREGULATION
LOADREGULATION
CH1
CH1
CH1
OUTPUTNUMBER
Features :
Universal AC input / Full range
Low leakage current<200uA
Protections: Short circuit / Overload / Over voltage
Free air convection for rated power and 23.5CFM forced air
convection for peak load
UL60601-1/IEC60601-1/EN60601-1 medical safety approved
Fixed switching frequency at 65KHz
3 years warranty
75W TripleOutputMedical Type
521.2Khrsmin.MIL-HDBK-217F(25
)
127*76.2*31mm(L*W*H)
CompliancetoEN55011(CISPR11),EN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
UL60601-1, TUVEN60601-1,IEC60601-1approved
I/P-O/P:4KVACI/P-FG:1.5KVACO/P-FG:1.5KVAC
PEAKLOAD(23.5CFM)
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
0.26Kg;63pcs/17.4Kg/1.35CUFT
RPT-75A
5V
6A
0.6~8A
6A
0.6~8A
68.5W
93W
80mVp-p
CH1:4.75~5.5V
2.0%
0.5%
1.5%
RPT-75B
RPT-75C
12V
CH2
CH2
CH2
-5V
CH3
CH3
CH3
12V
-12V
15V
-15V
5V
5V
3A
0.2~4A
3A
0.2~4A
0.5A
0.1~1A
0.5A
0.1~1A
2.3A
0.1~3A
0.5A
0.1~1A
6A
0.6~8A
72W
100W
72W
100W
120mVp-p
120mVp-p
120mVp-p
120mVp-p
150mVp-p
150mVp-p
80mVp-p
80mVp-p
6.0%
5.0%
6.0%
5.0%
8.0%
5.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
3.0%
1.0%
3.0%
1.0%
3.0%
1.0%
2.0%
2.0%
0.5%
1.5%
0.5%
1.5%
77%
77%
CH1:5.75~6.75V
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN55024,EN60601-1-2,EN61000-6-2,EN61204-3,heavyindustrylevel,EN61204-3medicallevel,criteria A
Earthleakagecurrent<200uA /264VAC,Patient
<100uA/264VAC
leakagecurrent
EN60601-1
IEC60601-1


Similar Part No. - RPT-75

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RPT-75 MEANWELL-RPT-75 Datasheet
527Kb / 3P
   75W Triple Output Medical Type
RPT-75 MEANWELL-RPT-75 Datasheet
564Kb / 3P
   75W Triple Output Medical Type
RPT-7503 MEANWELL-RPT-7503 Datasheet
527Kb / 3P
   75W Triple Output Medical Type
RPT-75A MEANWELL-RPT-75A Datasheet
527Kb / 3P
   75W Triple Output Medical Type
RPT-75A MEANWELL-RPT-75A Datasheet
564Kb / 3P
   75W Triple Output Medical Type
More results

Similar Description - RPT-75

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RPT-75 MEANWELL-RPT-75 Datasheet
527Kb / 3P
   75W Triple Output Medical Type
RPT-75 MEANWELL-RPT-75_12 Datasheet
564Kb / 3P
   75W Triple Output Medical Type
RPS-75 MEANWELL-RPS-75_11 Datasheet
305Kb / 2P
   75W Single Output Medical Type
RPD-75 MEANWELL-RPD-75_12 Datasheet
305Kb / 2P
   75W Dual Output Medical Type
RPD-75 MEANWELL-RPD-75 Datasheet
287Kb / 2P
   75W Dual Output Medical Type
RPD-75 MEANWELL-RPD-75_11 Datasheet
290Kb / 2P
   75W Dual Output Medical Type
RPS-75 MEANWELL-RPS-75_12 Datasheet
320Kb / 2P
   75W Single Output Medical Type
RPS-75 MEANWELL-RPS-75 Datasheet
301Kb / 2P
   75W Single Output Medical Type
logo
TDK Electronics
JWT75-522 TDK-JWT75-522 Datasheet
1Mb / 10P
   Triple Output 75W, 100W
logo
Mean Well Enterprises C...
RPT-60 MEANWELL-RPT-60_11 Datasheet
789Kb / 3P
   60W Triple Output Medical Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com