Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM320F2808-EP Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # SM320F2808-EP
Description  Digital Signal Processors
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM320F2808-EP Datasheet(HTML) 15 Page - Texas Instruments

Back Button SM320F2808-EP Datasheet HTML 11Page - Texas Instruments SM320F2808-EP Datasheet HTML 12Page - Texas Instruments SM320F2808-EP Datasheet HTML 13Page - Texas Instruments SM320F2808-EP Datasheet HTML 14Page - Texas Instruments SM320F2808-EP Datasheet HTML 15Page - Texas Instruments SM320F2808-EP Datasheet HTML 16Page - Texas Instruments SM320F2808-EP Datasheet HTML 17Page - Texas Instruments SM320F2808-EP Datasheet HTML 18Page - Texas Instruments SM320F2808-EP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 118 page
background image
www.ti.com
SM320F2808-EP, SM320F2806-EP
SM320F2801-EP
Digital Signal Processors
SGLS316A – MARCH 2006 – REVISED FEBRUARY 2007
Table 2-2. Signal Descriptions
PIN NO.
NAME
DESCRIPTION (1)
PZ PIN
GGM
#
BALL #
JTAG
JTAG test reset with internal pulldown. TRST, when driven high, gives the scan system control of
the operations of the device. If this signal is not connected or driven low, the device operates in its
functional mode, and the test reset signals are ignored.
NOTE: Do not use pullup resistors on TRST; it has an internal pull-down device. TRST is an active
high test pin and must be maintained low at all times during normal device operation. In a low-noise
TRST
84
A6
environment, TRST may be left floating. In other instances, an external pulldown resistor is highly
recommended. The value of this resistor should be based on drive strength of the debugger pods
applicable to the design. A 2.2-k
Ω resistor generally offers adequate protection. Since this is
application-specific, it is recommended that each target board is validated for proper operation of
the debugger and the application. (I,
↓)
TCK
75
A10
JTAG test clock with internal pullup (I,
↑)
JTAG test-mode select (TMS) with internal pullup. This serial control input is clocked into the TAP
TMS
74
B10
controller on the rising edge of TCK. (I,
↑)
JTAG test data input (TDI) with internal pullup. TDI is clocked into the selected register (instruction
TDI
73
C9
or data) on a rising edge of TCK. (I,
↑)
JTAG scan out, test data output (TDO). The contents of the selected register (instruction or data)
TDO
76
B9
are shifted out of TDO on the falling edge of TCK. (O/Z 8 mA drive)
Emulator pin 0. When TRST is driven high, this pin is used as an interrupt to or from the emulator
EMU0
80
A8
system and is defined as input/output through the JTAG scan. (I/O/Z, 8 mA drive
↑)
Emulator pin 1. When TRST is driven high, this pin is used as an interrupt to or from the emulator
EMU1
81
B7
system and is defined as input/output through the JTAG scan. (I/O/Z, 8 mA drive,
↑)
FLASH
VDD3VFL
96
C4
3.3-V Flash Core Power Pin. This pin should be connected to 3.3 V at all times.
TEST1
97
A3
Test Pin. Reserved for Texas Instruments. Must be left unconnected. (I/O)
TEST2
98
B3
Test Pin. Reserved for Texas Instruments. Must be left unconnected. (I/O)
CLOCK
Output clock derived from SYSCLKOUT. XCLKOUT is either the same frequency, one-half the
frequency, or one-fourth the frequency of SYSCLKOUT. This is controlled by the bits 1, 0
XCLKOUT
66
E8
(XCLKOUTDIV) in the XCLK register. At reset, XCLKOUT = SYSCLKOUT/4. The XCLKOUT signal
can be turned off by setting XCLKOUTDIV to 3. Unlike other GPIO pins, the XCLKOUT pin is not
placed in high-impedance state during a reset. (O/Z, 8 mA drive).
External Oscillator Input. This pin is to feed a clock from an external 3.3-V oscillator. In this case,
XCLKIN
90
B5
the X1 pin must be tied to GND. If a crystal/resonator is used (or if an external 1.8-V oscillator is
used to feed clock to X1 pin), this pin must be tied to GND. (I)
Internal/External Oscillator Input. To use the internal oscillator, a quartz crystal or a ceramic
resonator may be connected across X1 and X2. The X1 pin is referenced to the 1.8-V core digital
X1
88
E6
power supply. A 1.8-V external oscillator may be connected to the X1 pin. In this case, the XCLKIN
pin must be connected to ground. If a 3.3-V external oscillator is used with the XCLKIN pin, X1 must
be tied to GND. (I)
Internal Oscillator Output. A quartz crystal or a ceramic resonator may be connected across X1 and
X2
86
C6
X2. If X2 is not used it must be left unconnected. (O)
RESET
Device Reset (in) and Watchdog Reset (out).
Device reset. XRS causes the device to terminate execution. The PC will point to the address
contained at the location 0x3FFFC0. When XRS is brought to a high level, execution begins at the
location pointed to by the PC. This pin is driven low by the DSP when a watchdog reset occurs.
XRS
78
B8
During watchdog reset, the XRS pin is driven low for the watchdog reset duration of 512 OSCCLK
cycles. (I/OD,
↑)
The output buffer of this pin is an open-drain with an internal pullup (100
µA, typical). It is
recommended that this pin be driven by an open-drain device.
ADC SIGNALS
ADCINA7
16
F3
ADC Group A, Channel 7 input (I)
ADCINA6
17
F4
ADC Group A, Channel 6 input (I)
(1)
I = Input, O = Output, Z = High impedance, OD = Open drain,
↑ = Pullup, ↓ = Pulldown
Submit Documentation Feedback
Introduction
15


Similar Part No. - SM320F2808-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320F2810-EP TI-SM320F2810-EP Datasheet
2Mb / 159P
[Old version datasheet]   Digital Signal Processors
SM320F2810-EP TI-SM320F2810-EP Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Processors
SM320F2810-EP TI-SM320F2810-EP Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Processors
SM320F2810-EP TI-SM320F2810-EP Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Processors
SM320F2810-EP TI-SM320F2810-EP_10 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Processors
More results

Similar Description - SM320F2808-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com