Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM320F2808-EP Datasheet(PDF) 100 Page - Texas Instruments

Click here to check the latest version.
Part # SM320F2808-EP
Description  Digital Signal Processors
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM320F2808-EP Datasheet(HTML) 100 Page - Texas Instruments

Back Button SM320F2808-EP Datasheet HTML 96Page - Texas Instruments SM320F2808-EP Datasheet HTML 97Page - Texas Instruments SM320F2808-EP Datasheet HTML 98Page - Texas Instruments SM320F2808-EP Datasheet HTML 99Page - Texas Instruments SM320F2808-EP Datasheet HTML 100Page - Texas Instruments SM320F2808-EP Datasheet HTML 101Page - Texas Instruments SM320F2808-EP Datasheet HTML 102Page - Texas Instruments SM320F2808-EP Datasheet HTML 103Page - Texas Instruments SM320F2808-EP Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 118 page
background image
www.ti.com
6.9.4
I2C Electrical Specification and Timing
6.9.5
Serial Peripheral Interface (SPI) Master Mode Timing
SM320F2808-EP, SM320F2806-EP
SM320F2801-EP
Digital Signal Processors
SGLS316A – MARCH 2006 – REVISED FEBRUARY 2007
Table 6-31. I2C Timing
TEST CONDITIONS
MIN
MAX
UNIT
fSCL
SCL clock frequency
I2C clock module frequency is between 7
400
kHz
MHz and 12 MHz and I2C prescaler and
clock divider registers are configured
appropriately
vil
Low level input voltage
0.3 VDDIO
V
Vih
High level input voltage
0.7 VDDIO
V
Vhys
Input hysteresis
0.05 VDDIO
V
Vol
Low level output voltage
3 mA sink current
0
0.4
V
tLOW
Low period of SCL clock
I2C clock module frequency is between 7
1.3
µs
MHz and 12 MHz and I2C prescaler and
clock divider registers are configured
appropriately
tHIGH
High period of SCL clock
I2C clock module frequency is between 7
0.6
µs
MHz and 12 MHz and I2C prescaler and
clock divider registers are configured
appropriately
lI
Input current with an input voltage
-10
10
µA
between 0.1 VDDIO and 0.9 VDDIO MAX
Table 6-32 lists the master mode timing (clock phase = 0) and Table 6-33 lists the timing (clock phase =
1). Figure 6-18 and Figure 6-19 show the timing waveforms.
100
Electrical Specifications
Submit Documentation Feedback


Similar Part No. - SM320F2808-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320F2810-EP TI-SM320F2810-EP Datasheet
2Mb / 159P
[Old version datasheet]   Digital Signal Processors
SM320F2810-EP TI-SM320F2810-EP Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Processors
SM320F2810-EP TI-SM320F2810-EP Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Processors
SM320F2810-EP TI-SM320F2810-EP Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Processors
SM320F2810-EP TI-SM320F2810-EP_10 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Processors
More results

Similar Description - SM320F2808-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com