Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP430F413IRTDR Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part No. MSP430F413IRTDR
Description  MIXED SIGNAL MICROCONTROLLER
Download  64 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

MSP430F413IRTDR Datasheet(HTML) 34 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
MSP430x41x
MIXED SIGNAL MICROCONTROLLER
SLAS340J − MAY 2001 − REVISED DECEMBER 2008
34
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
DCO
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
f(DCOCLK)
N(DCO) = 01Eh, FN_8 = FN_4 = FN_3 = FN_2 = 0, D = 2,
DCOPLUS = 0, fCrystal = 32.768 kHz
2.2 V/3 V
1
MHz
f
FN 8
FN 4
FN 3
FN 2
0 DCOPLUS
1
2.2 V
0.3
0.65
1.25
MHz
f(DCO=2)
FN_8 = FN_4 = FN_3 = FN_2 = 0, DCOPLUS = 1
3 V
0.3
0.7
1.3
MHz
f
FN 8
FN 4
FN 3
FN 2
0 DCOPLUS
1
2.2 V
2.5
5.6
10.5
MHz
f(DCO=27)
FN_8 = FN_4 = FN_3 = FN_2 = 0, DCOPLUS = 1
3 V
2.7
6.1
11.3
MHz
f
FN 8
FN 4
FN 3
0 FN 2
1 DCOPLUS
1
2.2 V
0.7
1.3
2.3
MHz
f(DCO=2)
FN_8 = FN_4 = FN_3 = 0, FN_2 = 1, DCOPLUS = 1
3 V
0.8
1.5
2.5
MHz
f
FN 8
FN 4
FN 3
0 FN 2
1 DCOPLUS
1
2.2 V
5.7
10.8
18
MHz
f(DCO=27)
FN_8 = FN_4 = FN_3 = 0, FN_2 = 1, DCOPLUS = 1
3 V
6.5
12.1
20
MHz
f
FN 8
FN 4
0 FN 3
1 FN 2
x DCOPLUS
1
2.2 V
1.2
2
3
MHz
f(DCO=2)
FN_8 = FN_4 = 0, FN_3 = 1, FN_2 = x, DCOPLUS = 1
3 V
1.3
2.2
3.5
MHz
f
FN 8
FN 4
0 FN 3
1 FN 2
x; DCOPLUS
1
2.2 V
9
15.5
25
MHz
f(DCO=27)
FN_8 = FN_4 = 0, FN_3 = 1, FN_2 = x; DCOPLUS = 1
3 V
10.3
17.9
28.5
MHz
f
FN 8
0 FN 4
1 FN 3
FN 2
x DCOPLUS
1
2.2 V
1.8
2.8
4.2
MHz
f(DCO=2)
FN_8 = 0, FN_4 = 1, FN_3 = FN_2 = x, DCOPLUS = 1
3 V
2.1
3.4
5.2
MHz
f
FN 8
0 FN 4
1 FN 3
FN 2 x DCOPLUS
1
2.2 V
13.5
21.5
33
MHz
f(DCO=27)
FN_8 = 0, FN_4 = 1, FN_3 = FN_2 =x, DCOPLUS = 1
3 V
16
26.6
41
MHz
f
FN 8
1 FN 4
FN 3
FN 2 x DCOPLUS
1
2.2 V
2.8
4.2
6.2
MHz
f(DCO=2)
FN_8 = 1, FN_4 = FN_3 = FN_2=x, DCOPLUS = 1
3 V
4.2
6.3
9.2
MHz
f
FN 8
1 FN 4
FN 3
FN 2
x DCOPLUS
1
2.2 V
21
32
46
MHz
f(DCO=27)
FN_8 = 1,FN_4 = FN_3 = FN_2 = x, DCOPLUS = 1
3 V
30
46
70
MHz
S
Step size between adjacent DCO taps:
S
f
/f
1 < TAP
≤ 20
1.06
1.11
Sn
Sn = fDCO(Tap n+1) / fDCO(Tap n)
(see Figure 20 for taps 21 to 27)
TAP = 27
1.07
1.17
D
Temperature drift, N(DCO) = 01Eh, FN_8 = FN_4 = FN_3 = FN_2 = 0,
2.2 V
–0.2
–0.3
–0.4
%
/_C
Dt
Temperature drift, N(DCO) = 01Eh, FN_8 = FN_4 = FN_3 = FN_2 = 0,
D = 2, DCOPLUS = 0
3 V
–0.2
–0.3
–0.4
%
/_C
DV
Drift with VCC variation, N(DCO) = 01Eh,
FN_8 = FN_4 = FN_3 = FN_2 = 0, D = 2, DCOPLUS = 0
0
5
15
%/V
TA − °C
VCC − V
f
(DCO)
f
(DCO20
5C)
f
(DCO)
f
(DCO3V)
1.8
3.0
2.4
3.6
1.0
20
60
40
85
1.0
0
−20
−40
0
Figure 19. DCO Frequency vs Supply Voltage VCC and vs Ambient Temperature


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn