Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RKP-6K1U-48 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # RKP-6K1U-48
Description  2000~6000W Front End Power System
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RKP-6K1U-48 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  RKP-6K1U-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RKP-6K1U-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RKP-6K1U-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RKP-6K1U-48 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RKP-6K1U-48 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. RKP-6K1U-48 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Function Manual
1. Remote ON/OFF Control
The PSU can be turned ON/OFF together or separately by using the "Remote ON/OFF" function.
2.1 Remote Sense
The remote sense compensates voltage drop on the load wiring up to 0.5V.
2.2 Local Sense
Notice : The +S,-S have to be connected to the +V,-V terminals locally in order to get the correct output voltage if the remote sensing is not used.
Between ON/OFF and +5V-AUX
SW Open
SW Short
Output
OFF
ON
+5V-AUX
+5V-AUX
ON/OFF A
+V
-V
ON/OFF A
ON/OFF B
ON/OFF B
ON/OFF C
+S
-S
ON/OFF C
RKP-1U
RKP-1U
RKP-1U
1
24
25
1
77
16
22
23
16
13
13
2. Voltage Drop Compensation
-V
+V
RKP-1U
+S
-S
LOAD
-V
+V
3. Output Voltage TRIM
22
23
Sense lines should be twisted in pairs
(1)Connecting an external DC source between PV(4,10,19) and -V(25) on CN500 that is shown in Fig. 3.1.
(2)Adjustment of output voltage is possible between 90~110%(Typ.) of the rated output which is shown in Fig. 3.2. Reducing output current is required when the
output voltage is trimmed up.
Fig. 3.1 Add on 0~5V external voltage
Fig. 3.2 Output voltage trimming
90
80
70
100
110
V
100
90
80
70
60
OUTPUT VOLTAGE (%)
PV
4,10,19
25
0~5V
-V
60
70
80
EXTERNAL VOLTAGE(DC)
90
100
110
Vout
0.5
0
1.5
3
4.5
5
V
File Name:RKP-1U RACK SYSTEM-SPEC 2011-05-09
2000~6000W Front End Power System
RKP-1U Rack System
Function
AC-OK
AC-NG
DC-OK
DC-NG
T-OK
T-ALARM
LED
GREEN
RED
GREEN
RED
GREEN
RED
Description
When input voltage
87V
When input voltage
75V
When output voltage
80%
5% of Vo rated.
When output voltage
80%
5% of Vo rated.
When the internal temperature (TSW1 & TSW2 short) is within safe limit
When the internal temperature (TSW1 or TSW2 open) exceeds the limit of temperature alarm
4. Front Panel Indicators & Corresponding Signal at Function Pins
Signal
0~0.5V
4.5 ~ 5.5V
0~0.5V
4.5 ~ 5.5V
0~0.5V
4.5 ~ 5.5V
PSU Output
ON
OFF
ON
ON
ON
OFF
*
*Signal between function pin and "GND-AUX".


Similar Part No. - RKP-6K1U-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RKP-6K1U-48 MEANWELL-RKP-6K1U-48 Datasheet
929Kb / 6P
   RKP-1U_12
More results

Similar Description - RKP-6K1U-48

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CAR2024FP LINEAGEPOWER-CAR2024FP Datasheet
1Mb / 2P
   2000 Watt 24V Front End Power Supply
logo
Mean Well Enterprises C...
RCP-1000 MEANWELL-RCP-1000 Datasheet
669Kb / 8P
   1000 ~ 3000W Front End Power System
RCP-1000 MEANWELL-RCP-1000_11 Datasheet
682Kb / 8P
   1000 ~ 3000W Front End Power System
logo
Vicor Corporation
EN1C11 VICOR-EN1C11_15 Datasheet
1Mb / 13P
   Component Power Front-end System for EN Compliance
EN1C11 VICOR-EN1C11_17 Datasheet
879Kb / 13P
   Component Power Front-end System for EN Compliance
ENMODS VICOR-ENMODS Datasheet
733Kb / 13P
   Component Power Front-end System for EN Compliance
EN1XXX VICOR-EN1XXX Datasheet
879Kb / 13P
   Component Power Front-end System for EN Compliance
ENMOD VICOR-ENMOD Datasheet
347Kb / 12P
   ENMods Component Power Front End System for EN Compliance
logo
Toshiba Semiconductor
TA8176SN TOSHIBA-TA8176SN Datasheet
409Kb / 12P
   FM FRONT END (FOR DIGITAL TUNING SYSTEM
logo
Power-One
FXP6000 POWER-ONE-FXP6000 Datasheet
359Kb / 8P
   Distributed Power Front-End
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com