Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RID-125 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # RID-125
Description  125W Dual Output Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RID-125 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  RID-125_10 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RID-125_10 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RID-125_10 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features :
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
Note.6
RATEDPOWER
Note.6
OUTPUT
VOLTAGE ADJ.RANGE
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
500ms,20ms/230VAC1200ms,30ms/115VAC atfullload
36ms/230VAC30ms/115VAC atfullload
47~63Hz
3A/115VAC2A/230VAC
COLDSTART 40A/230VAC
<2mA /240VAC
110~150% ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN61000-6-2(EN50082-2),heavyindustrylevel,criteria A
-20~+70
(Refertooutputloadderatingcurve)
20~90%RH non-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
)onCH1output
10~500Hz,5G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
218.2Khrsmin.MIL-HDBK-217F(25
)
199*98*38mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Line regulation is measured from low line to high line at rated load.
5. Load regulation is measured from 20% to 100% rated load, and other output at 60% rated load.
6. Each output can work within current range. But total output power can't exceed rated output power.
7. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
8. Length of set up time is measured at cold first start. Turning ON/OFF the power supply very quickly may lead to increase of the set up time.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
FileName:RID-125-SPEC2010-10-18
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
125WDualOutputSwitchingPowerSupply
R I D - 1 2 5 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
LINEREGULATION
Note.4
LOADREGULATION
Note.5
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
ENVIRONMENT
PROTECTION
EMICONDUCTION&RADIATION
SAFETY &
EMC
(Note7)
88~132VAC/176~264VACselectedbyswitch248~373VDC(300VACpeak5sec.Nodamage)
RID-125-1224
12V
24V
CH2
CH2
CH2
3.7A
3.7A
1~7A
0.4~5A
133.2W
120mVp-p
200mVp-p
CH1:11.4 ~13.2V
0.5%
2.0%
1.0%
+8,-5%
1.0%
5.0%
85%
CH1:13.8~16.2V
RID-125-1248
RID-125-2448
12V
24V
48V
48V
2.3A
2A
2.3A
2A
1~7A
0.5~4A
0.2~2.5A
0.2~2.5A
138W
144W
120mVp-p
200mVp-p
240mVp-p
240mVp-p
CH1:11.4 ~13.2V
CH1:22.8 ~26.4V
0.5%
0.5%
2.0%
1.0%
1.0%
1.0%
4.0%
1.0%
1.0%
5.0%
+8,-5%
3.0%
85%
86%
CH1:13.8~16.2V
CH1:27.6~32.4V
0.7Kg;20pcs/15Kg/0.8CUFT
CH1
CH1
CH1
OUTPUTNUMBER
Isolated output & GND for CH1,CH2
AC input range selectable by switch
Withstand 300VAC surge input for 5 seconds
Protections: Short circuit / Overload / Over voltage
All using 105
long life electrolytic capacitors
Withstand 5G vibration test
LED indicator for power on
100% full load burn-in test
High realibility
3 years warranty


Similar Part No. - RID-125_10

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RID-125-1205 MEANWELL-RID-125-1205 Datasheet
1Mb / 3P
   125W Dual Output Swithching Power Supply
RID-125-1224 MEANWELL-RID-125-1224 Datasheet
1Mb / 3P
   125W Dual Output Swithching Power Supply
RID-125-1224 MEANWELL-RID-125-1224 Datasheet
799Kb / 3P
   125W Dual Output Switching Power Supply
RID-125-1248 MEANWELL-RID-125-1248 Datasheet
1Mb / 3P
   125W Dual Output Swithching Power Supply
RID-125-1248 MEANWELL-RID-125-1248 Datasheet
799Kb / 3P
   125W Dual Output Switching Power Supply
More results

Similar Description - RID-125_10

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RID125 ASTRODYNE-RID125 Datasheet
322Kb / 4P
   125W Dual Output Switching Power Supply
logo
Total Power Internation...
RD-125 TOTAL-POWER-RD-125 Datasheet
473Kb / 4P
   125W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
RD-125 MEANWELL-RD-125_11 Datasheet
1Mb / 4P
   125W Dual Output Switching Power Supply
logo
Astrodyne Corporation
RD125 ASTRODYNE-RD125 Datasheet
317Kb / 4P
   125W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
RD-125 MEANWELL-RD-125_10 Datasheet
1Mb / 4P
   125W Dual Output Switching Power Supply
logo
Astrodyne Corporation
RD-125 ASTRODYNE-RD-125 Datasheet
582Kb / 4P
   125W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
RID-125 MEANWELL-RID-125_11 Datasheet
799Kb / 3P
   125W Dual Output Switching Power Supply
logo
Astrodyne Corporation
RT125 ASTRODYNE-RT125 Datasheet
293Kb / 4P
   125W Triple Output Switching Power Supply
logo
Total Power Internation...
RQ-125 TOTAL-POWER-RQ-125 Datasheet
425Kb / 2P
   125W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
RQ-125 MEANWELL-RQ-125 Datasheet
346Kb / 2P
   125W Quad Output Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com