Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC846F Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # BC846F
Description  General purpose application
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

BC846F Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  BC846F Datasheet HTML 1Page - KODENSHI_AUK CORP. BC846F Datasheet HTML 2Page - KODENSHI_AUK CORP. BC846F Datasheet HTML 3Page - KODENSHI_AUK CORP. BC846F Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-T5C072-000
1
BC846F
NPN Silicon Transistor
PIN Connection
SOT-23F
Descriptions
• General purpose application
• Switching application
Features
• High voltage : VCEO=55V
• Complementary pair with BC856F
Ordering Information
Type NO.
Marking
Package Code
BC846F
QA □ □
① ②
SOT-23F
Device Code ② hFE Rank ③ Year&Week Code
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
80
V
Collector-Emitter voltage
VCEO
55
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
100
mA
Collector dissipation
PC
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Emitter breakdown voltage
BVCEO
IC=1mA, IB=0
55
-
-
V
Base-Emitter turn on voltage
VBE(ON)
VCE=5V, IC=2mA
550
-
700
mV
Base-Emitter saturation voltage
VBE(sat)
IC=100mA, IB=5mA
-
900
-
mV
Collector-Emitter saturation voltage
VCE(sat)
IC=100mA, IB=5mA
-
-
600
mV
Collector cut-off current
ICBO
VCB=35V, IE=0
-
-
15
nA
DC current gain
hFE
*
VCE=5V, IC=2mA
110
-
800
-
Transition frequency
fT
VCE=5V, IC=10mA
-
150
-
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
-
4.5
pF
Noise figure
NF
VCE=5V, IC=200μA,
f=1KHz, Rg=2KΩ
-
-
10
dB
* : hFE rank / A : 110 ~ 220, B : 200 ~ 450, C : 420 ~ 800
1
2
3


Similar Part No. - BC846F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC846F PHILIPS-BC846F Datasheet
51Kb / 8P
   NPN general purpose transistors
1999 May 18
logo
AUK corp
BC846F AUK-BC846F Datasheet
86Kb / 3P
   NPN Silicon Transistor (General purpose application Switching application)
logo
KODENSHI_AUK CORP.
BC846F KODENSHI-BC846F Datasheet
279Kb / 4P
   General purpose application
More results

Similar Description - BC846F

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
BC846 KODENSHI-BC846 Datasheet
267Kb / 4P
   General purpose application
BC857F KODENSHI-BC857F Datasheet
284Kb / 4P
   General purpose application
BC857U KODENSHI-BC857U Datasheet
274Kb / 4P
   General purpose application
BC846 KODENSHI-BC846 Datasheet
267Kb / 4P
   General purpose application
BC846F KODENSHI-BC846F Datasheet
279Kb / 4P
   General purpose application
BC846U KODENSHI-BC846U Datasheet
268Kb / 4P
   General purpose application
BC846UF KODENSHI-BC846UF Datasheet
179Kb / 3P
   General purpose application
SBC557 KODENSHI-SBC557 Datasheet
99Kb / 3P
   General purpose application
SBT2222AU KODENSHI-SBT2222AU Datasheet
241Kb / 4P
   General purpose application
logo
New Jersey Semi-Conduct...
2SB512 NJSEMI-2SB512 Datasheet
132Kb / 1P
   GENERAL PURPOSE APPLICATION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com