Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F4132IPMR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F4132IPMR
Description  MIXED SIGNAL MICROCONTROLLER
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F4132IPMR Datasheet(HTML) 26 Page - Texas Instruments

Back Button MSP430F4132IPMR Datasheet HTML 22Page - Texas Instruments MSP430F4132IPMR Datasheet HTML 23Page - Texas Instruments MSP430F4132IPMR Datasheet HTML 24Page - Texas Instruments MSP430F4132IPMR Datasheet HTML 25Page - Texas Instruments MSP430F4132IPMR Datasheet HTML 26Page - Texas Instruments MSP430F4132IPMR Datasheet HTML 27Page - Texas Instruments MSP430F4132IPMR Datasheet HTML 28Page - Texas Instruments MSP430F4132IPMR Datasheet HTML 29Page - Texas Instruments MSP430F4132IPMR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 82 page
background image
MSP430F41x2
MIXED SIGNAL MICROCONTROLLER
SLAS648E -- APRIL 2009 -- REVISED MARCH 2011
26
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
Schmitt-trigger inputs -- ports P1, P2, P3, P4, P5, P6, and P7, RST/NMI, JTAG (TCK, TMS, TDI/TCLK, TDO/TDI)
PARAMETER
VCC
MIN
MAX
UNIT
V
Positi e going inp t threshold oltage
2.2 V
1.1
1.55
V
VIT+
Positive-going input threshold voltage
3V
1.5
1.98
V
V
Negati e going inp t threshold oltage
2.2 V
0.4
0.9
V
VIT--
Negative-going input threshold voltage
3V
0.9
1.3
V
V
Input voltage hysteresis (V
V )
2.2 V
0.3
1.1
V
Vhys
Input voltage hysteresis (VIT+ -- VIT--)
3V
0.5
1
V
inputs Px.y, TAx
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
t
External interrupt timing
Port P1, P2: P1.x to P2.x, external trigger signal
2.2 V
62
ns
t(int)
External interrupt timing
Port P1, P2: P1.x to P2.x, external trigger signal
for the interrupt flag (see Note 1)
3V
50
ns
t
Timer A capture timing
TA0 TA1 TA2
2.2 V
62
ns
t(cap)
Timer_A capture timing
TA0, TA1, TA2
3V
50
ns
f
Timer_A clock frequency externally
TACLK INCLK: t
t
2.2 V
8
MHz
f(TAext)
Timer_A clock frequency externally
applied to pin
TACLK, INCLK: t(H) =t(L)
3V
10
MHz
f
Timer A clock frequency
SMCLK or ACLK signal selected
2.2 V
8
MHz
f(TAint)
Timer_A,clock frequency
SMCLK or ACLK signal selected
3V
10
MHz
NOTES: 1. The external signal sets the interrupt flag every time the minimum t(int) parameters are met. It may be set even with trigger signals
shorter than t(int).
leakage current -- ports P1, P2, P3, P4, P5, P6, and P7 (see Note 1)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
Ilkg(Px.y)
Leakage current
Port Px
V(Px.y) (see Note 2)
2.2 V/3 V
50
nA
NOTES: 1. The leakage current is measured with VSS or VCC applied to the corresponding pin(s), unless otherwise noted.
2. The port pin must be selected as input.


Similar Part No. - MSP430F4132IPMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F4132IPMR TI1-MSP430F4132IPMR Datasheet
1Mb / 83P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F4132IPMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com