Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1980SF Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # 2SA1980SF
Description  General small signal amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

2SA1980SF Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  2SA1980SF Datasheet HTML 1Page - KODENSHI_AUK CORP. 2SA1980SF Datasheet HTML 2Page - KODENSHI_AUK CORP. 2SA1980SF Datasheet HTML 3Page - KODENSHI_AUK CORP. 2SA1980SF Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-T5C081-000
1
2SA1980SF
PNP Silicon Transistor
PIN Connection
SOT-23F
Description
• General small signal amplifier
Features
• Low collector saturation voltage :
VCE(sat)=-0.3V(Max.)
• Low output capacitance : Cob=4pF(Typ.)
• Complementary pair with 2SC5343SF
Ordering Information
Type NO.
Marking
Package Code
CA □ □
2SA1980SF
② ③
SOT-23F
Device Code ②hFE Rank ③Year&Week Code
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
-50
V
Collector-Emitter voltage
VCEO
-50
V
Emitter-Base voltage
VEBO
-5
V
Collector current
IC
-150
mA
Collector dissipation
PC
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Base breakdown voltage
BVCBO
IC=-100μA, IE=0
-50
-
-
V
Collector-Emitter breakdown voltage
BVCEO
IC=-1mA, IB=0
-50
-
-
V
Emitter-Base breakdown voltage
BVEBO
IE=-10μA, IC=0
-5
-
-
V
Collector cut-off current
ICBO
VCB=-50V, IE=0
-
-
-0.1
μA
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-
-
-0.1
μA
DC current gain
hFE*
VCE=-6V, IC=-2mA
70
-
700
-
Collector-Emitter saturation voltage
VCE(sat)
IC=-100mA, IB=-10mA
-
-
-0.3
V
Transition frequency
fT
VCE=-10V, IC=-1mA
80
-
-
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
4
7
pF
Noise figure
NF
VCE=-6V, IC=-0.1mA
f=1KHz, Rg=10KΩ
-
-
10
dB
*: hFE rank / O : 70~140, Y : 120~240, G : 200~400, L : 300~700.
1
2
3


Similar Part No. - 2SA1980SF

ManufacturerPart #DatasheetDescription
logo
AUK corp
2SA1980SF AUK-2SA1980SF Datasheet
223Kb / 4P
   PNP Silicon Transistor (General small signal amplifier)
logo
KODENSHI_AUK CORP.
2SA1980SF KODENSHI-2SA1980SF Datasheet
288Kb / 4P
   General small signal amplifier
More results

Similar Description - 2SA1980SF

ManufacturerPart #DatasheetDescription
logo
AUK corp
2SC5343S AUK-2SC5343S Datasheet
214Kb / 4P
   General small signal amplifier (General small signal amplifier)
logo
KODENSHI_AUK CORP.
2SA1980U KODENSHI-2SA1980U Datasheet
279Kb / 4P
   General small signal amplifier
2SC5343EF KODENSHI-2SC5343EF Datasheet
273Kb / 4P
   General small signal amplifier
2SC5343SF KODENSHI-2SC5343SF Datasheet
279Kb / 4P
   General small signal amplifier
2SC5343S KODENSHI-2SC5343S Datasheet
307Kb / 4P
   GENERAL SMALL SIGNAL AMPLIFIER
2SC5343SF KODENSHI-2SC5343SF Datasheet
279Kb / 4P
   General small signal amplifier
2SA1980EF KODENSHI-2SA1980EF Datasheet
247Kb / 4P
   General small signal amplifier
2SA1980UF KODENSHI-2SA1980UF Datasheet
233Kb / 4P
   General small signal amplifier
logo
AUK corp
STC945 AUK-STC945 Datasheet
95Kb / 3P
   General small signal Amplifier
logo
KODENSHI_AUK CORP.
2SA1980E KODENSHI-2SA1980E Datasheet
223Kb / 4P
   General small signal amplifier
NT331 KODENSHI-NT331 Datasheet
285Kb / 4P
   General small signal amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com