Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2575S-3.3 Datasheet(PDF) 5 Page - Semtech Corporation

Part # LM2575S-3.3
Description  1A & 3A Miniconverter Switching Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LM2575S-3.3 Datasheet(HTML) 5 Page - Semtech Corporation

  LM2575S-3.3 Datasheet HTML 1Page - Semtech Corporation LM2575S-3.3 Datasheet HTML 2Page - Semtech Corporation LM2575S-3.3 Datasheet HTML 3Page - Semtech Corporation LM2575S-3.3 Datasheet HTML 4Page - Semtech Corporation LM2575S-3.3 Datasheet HTML 5Page - Semtech Corporation LM2575S-3.3 Datasheet HTML 6Page - Semtech Corporation LM2575S-3.3 Datasheet HTML 7Page - Semtech Corporation LM2575S-3.3 Datasheet HTML 8Page - Semtech Corporation LM2575S-3.3 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
ã 2001 Semtech Corp.
www.semtech.com
LM2575 & LM2576
POWER MANAGEMENT
TO-220-5
TO-263-5
e
c
i
v
e
D
)
1
(
e
g
a
k
c
a
Pt
n
e
r
r
u
C
X
X
-
T
5
7
5
2
M
L5
-
0
2
2
-
O
T
)
3
()
2
(
A
1
R
T
.
X
X
-
S
5
7
5
2
M
L5
-
3
6
2
-
O
T
)
4
(
X
X
-
T
6
7
5
2
M
L5
-
0
2
2
-
O
T
)
3
()
2
(
A
3
R
T
.
X
X
-
S
6
7
5
2
M
L5
-
3
6
2
-
O
T
)
4
(
Notes:
(1) -XX = Voltage Option. Available voltages are 3.3V
(-3.3), 5V (-5.0), 12V (-12), and ADJ (-ADJ), which is
adjustable between 1.23V and 35V.
(2) Lead bend options for TO-220-5 are: T-XX = Straight
in-line; T-XX-V = Vertical Staggered; T-XX-H = Horizontal
Staggered. Please refer to outline drawings at the end of
this datasheet.
(3) Only available in tube packaging. A tube contains 50
devices.
(4) Only available in tape and reel packaging. A reel
contains 800 devices.
6
7
5
2
M
L
,
5
7
5
2
M
L
n
i
Pn
o
it
c
n
u
F
1V
N
I
2T
U
P
T
U
O
3N
O
M
M
O
C
4K
C
A
B
D
E
E
F
5F
F
O
/
N
O
N
O
M
M
O
C
s
i
B
A
T
Pin Configurations
Ordering Information
Block Diagram


Similar Part No. - LM2575S-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2575S-3.3 NSC-LM2575S-3.3 Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575S-3.3 NSC-LM2575S-3.3 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2575S-3.3 TI1-LM2575S-3.3 Datasheet
5Mb / 44P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575S-3.3 TI1-LM2575S-3.3 Datasheet
5Mb / 43P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575S-3.3 TI1-LM2575S-3.3 Datasheet
756Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
More results

Similar Description - LM2575S-3.3

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Gamma Microelectronics ...
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV_13 Datasheet
470Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
List of Unclassifed Man...
SIS03VE ETC2-SIS03VE Datasheet
103Kb / 5P
   3A, 7A and 12A switching regulators
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230_13 Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_1 Datasheet
154Kb / 10P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com