Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA286 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA286
Description  High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA286 Datasheet(HTML) 2 Page - Texas Instruments

  INA286 Datasheet HTML 1Page - Texas Instruments INA286 Datasheet HTML 2Page - Texas Instruments INA286 Datasheet HTML 3Page - Texas Instruments INA286 Datasheet HTML 4Page - Texas Instruments INA286 Datasheet HTML 5Page - Texas Instruments INA286 Datasheet HTML 6Page - Texas Instruments INA286 Datasheet HTML 7Page - Texas Instruments INA286 Datasheet HTML 8Page - Texas Instruments INA286 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
INA282, INA283
INA284, INA285
INA286
SBOS485A – NOVEMBER 2009 – REVISED JULY 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PACKAGE
PACKAGE
PRODUCT
GAIN
PACKAGE
DESIGNATOR
MARKING
INA282
50V/V
SOIC-8
D
I282A
INA283(2)
200V/V
SOIC-8
D
I283A
INA284
500V/V
SOIC-8
D
I284A
INA285
1000V/V
SOIC-8
D
I285A
INA286
100V/V
SOIC-8
D
I286A
(1)
For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet, or
refer to the device product folder at www.ti.com.
(2)
Shaded cells indicate a product preview device.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
INA282, INA283,
INA284, INA285, INA286
UNIT
Supply Voltage
+18
V
Differential (V+IN) – (V–IN)
(3)
–5 to +5
V
Analog Inputs,
V+IN, V–IN
(2)
Common-Mode
–14 to +80
V
Ref1, Ref2, Out
GND–0.3 to (V+) + 0.3
V
Input Current into Any Pin
5
mA
Storage Temperature
–65 to +150
°C
Junction Temperature
+150
°C
Human Body Model (HBM)
3000
V
ESD Ratings:
Charged-Device Model (CDM)
1000
V
Machine Model (MM)
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
V+IN and V–IN are the voltages at the +IN and –IN pins, respectively.
(3)
Input voltages must not exceed common-mode rating.
THERMAL INFORMATION
INA282AID,
INA283AID,
INA284AID,
INA285AID,
THERMAL METRIC(1)
UNITS
INA286AID
D
8
qJA
Junction-to-ambient thermal resistance
134.9
qJCtop
Junction-to-case (top) thermal resistance
72.9
qJB
Junction-to-board thermal resistance
61.3
°C/W
yJT
Junction-to-top characterization parameter
18.9
yJB
Junction-to-board characterization parameter
54.3
qJCbot
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): INA282 INA283 INA284 INA285 INA286


Similar Part No. - INA286

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA286 TI-INA286 Datasheet
706Kb / 31P
[Old version datasheet]   High-Accuracy Wide Common-Mode Range Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA286 TI-INA286 Datasheet
1Mb / 33P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR
INA286-Q1 TI-INA286-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   INA28x-Q1 Automotive Grade, ??4-V to 80-V, Bidirectional, High Accuracy, Low- or High-Side, Voltage Output, Current Shunt Monitor
INA286AID TI-INA286AID Datasheet
1Mb / 33P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR
INA286AID TI1-INA286AID Datasheet
1Mb / 36P
[Old version datasheet]   Bidirectional Current Shunt Monitors
More results

Similar Description - INA286

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA282 TI-INA282 Datasheet
706Kb / 31P
[Old version datasheet]   High-Accuracy Wide Common-Mode Range Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA282 TI-INA282_12 Datasheet
1Mb / 33P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR
INA283 TI-INA283_15 Datasheet
1Mb / 36P
[Old version datasheet]   INA28x High-Accuracy, Wide Common-Mode Range, Bidirectional Current Shunt Monitors, Zero-Drift Series
INA282 TI-INA282_15 Datasheet
1Mb / 36P
[Old version datasheet]   INA28x High-Accuracy, Wide Common-Mode Range, Bidirectional Current Shunt Monitors, Zero-Drift Series
INA282-Q1 TI1-INA282-Q1 Datasheet
847Kb / 30P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional
logo
ON Semiconductor
NCS210 ONSEMI-NCS210_16 Datasheet
86Kb / 6P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
NCS210 ONSEMI-NCS210 Datasheet
74Kb / 5P
   Current-Shunt Monitor Voltage Output Bi-Directional Zero-Drift
October, 2015 ??Rev. 0
NCS199 ONSEMI-NCS199 Datasheet
72Kb / 5P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
July, 2016 ??Rev. 1
logo
Texas Instruments
INA240 TI1-INA240 Datasheet
543Kb / 8P
[Old version datasheet]   Wide Common-Mode Range, Voltage Output High- or Low-Side Bidirectional, Zero-Drift, Current-Shunt Monitor
INA210 TI-INA210_08 Datasheet
583Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com