Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MP60-E Datasheet(PDF) 3 Page - Semtech Corporation

Part No. MP60-E
Description  PENTIUM PRO PROCESSOR VOLTAGE REGULATOR MODULE
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMTECH [Semtech Corporation]
Homepage  http://www.semtech.com
Logo 

MP60-E Datasheet(HTML) 3 Page - Semtech Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MP60-E
© 1997 SEMTECH CORP.
PENTIUM
®
PRO PROCESSOR
VOLTAGE REGULATOR MODULE
652 MITCHELL ROAD NEWBURY PARK CA 91320
November 3, 1997
0 = processor pin connected to V
SS, 1 = open
VOLTAGE IDENTIFICATION CODE
Pentium Pro Pins
V
CCP
VID3
VID2
VID1
VID0
(VDC)
1
1
1
1
2.0 (no CPU)
1
1
1
0
2.1
1
1
0
1
2.2
1
1
0
0
2.3
1
0
1
1
2.4
1
0
1
0
2.5
1
0
0
1
2.6
1
0
0
0
2.7
0
1
1
1
2.8
0
1
1
0
2.9
0
1
0
1
3.0
0
1
0
0
3.1
0
0
1
1
3.2
0
0
1
0
3.3
0
0
0
1
3.4
0
0
0
0
3.5
MECHANICAL DIMENSIONS
Component size and location
for illustration only
Dimension
mm
inch
A
79.7
3.14
Max
B
43.2
1.70
Max
C
24.4
0.96
Max
D
57.4
2.26
Typ
E
8.13
0.32
Typ
F
10.67 + 0.13
0.42 + 0.005
Typ
G
3.81
0.15
Typ
H
6.50
0.26
Min
J
21.6
0.85
Max
K
2.5
0.10
Min
Pentium and OverDrive are registered trademarks of Intel Corporation


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn