Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MP60-E Datasheet(PDF) 2 Page - Semtech Corporation

Part No. MP60-E
Description  PENTIUM PRO PROCESSOR VOLTAGE REGULATOR MODULE
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMTECH [Semtech Corporation]
Homepage  http://www.semtech.com
Logo 

MP60-E Datasheet(HTML) 2 Page - Semtech Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MP60-E
© 1997 SEMTECH CORP.
PENTIUM
®
PRO PROCESSOR
VOLTAGE REGULATOR MODULE
652 MITCHELL ROAD NEWBURY PARK CA 91320
November 3, 1997
VOLTAGE REGULATOR MODULE CONNECTOR PIN REFERENCE
Pin Name
Pin Function
PWRGD
Power Good: When the output voltage is not within specifications (nominal or selected voltage +
7%) this signal will be in the low state. The PWRGD signal will change to the proper state within
5ms of the output coming into or going out of specification.
OUTEN
Output Enable: A low state disables the output voltage. When disabled, the PWRGD signal shall
be in the low state.
UP#
Upgrade Present: Used to indicate the presence of an upgrade processor. Typical state is high
(standard processor in system). When in the low or ground state (OverDrive™ processor in
system) the output voltage shall be disabled unless the converter can supply to an OverDrive
processor’s specifications. When disabled, the PWRGD output will be in the low state.
VID(0:3)
Voltage Identification: The module will accept four open collector signals, used to indicate the
voltage required by the processor, as defined by Intel
5V in
Main power input for regulation.
12V in
Must also be connected (input for control circuits only)
INPUT AND OUTPUT CONNECTIONS
Pin No.
Row A
Row B
Pin No.
1
5V in
5V in
1
2
5V in
5V in
2
3
5V in
5V in
3
4
12V in
12V in
4
5
Reserved
Reserved
5
6
Reserved
OUTEN
6
7
VID0
VID1
7
8
VID2
VID3
8
9
UP#
PWRGD
9
10
V
CCP
V
SS
10
11
V
SS
V
CCP
11
12
V
CCP
V
SS
12
13
V
SS
V
CCP
13
14
V
CCP
V
SS
14
15
V
SS
V
CCP
15
16
V
CCP
V
SS
16
17
V
SS
V
CCP
17
18
V
CCP
V
SS
18
19
V
SS
V
CCP
19
20
V
CCP
V
SS
20
B
A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
VRM
PCB
End view of VRM connector
(viewed from motherboard side)
Pentium and OverDrive are registered trademarks of Intel Corporation


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn