Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2533 Datasheet(PDF) 6 Page - Texas Instruments

Part # CC2533
Description  An Optimized System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 Remote Control Applications
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2533 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC2533_11 Datasheet HTML 2Page - Texas Instruments CC2533_11 Datasheet HTML 3Page - Texas Instruments CC2533_11 Datasheet HTML 4Page - Texas Instruments CC2533_11 Datasheet HTML 5Page - Texas Instruments CC2533_11 Datasheet HTML 6Page - Texas Instruments CC2533_11 Datasheet HTML 7Page - Texas Instruments CC2533_11 Datasheet HTML 8Page - Texas Instruments CC2533_11 Datasheet HTML 9Page - Texas Instruments CC2533_11 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
CC2533
SWRS087 – JUNE 2010
www.ti.com
RF RECEIVE SECTION
Measured on Texas Instruments CC2533 EM reference design with TA = 25°C, VDD = 3 V, and fc = 2440 MHz, unless
otherwise noted.
Boldface limits apply over the entire operating range, TA = –40°C to 125°C, VDD = 2 V to 3.6 V, and fc = 2394 MHz to
2507 MHz.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PER = 1%, as specified by [1]
–97
–93
Receiver sensitivity
dBm
–89
[1] requires –85 dBm
PER = 1%, as specified by [1]
Saturation (maximum input level)
10
dBm
[1] requires –20 dBm
Wanted signal –82 dBm, adjacent modulated channel at
Adjacent-channel rejection, 5-MHz
5 MHz, PER = 1%, as specified by [1].
49
dB
channel spacing
[1] requires 0 dB
Wanted signal –82 dBm, adjacent modulated channel at
Adjacent-channel rejection, –5-MHz
–5 MHz, PER = 1%, as specified by [1].
49
dB
channel spacing
[1] requires 0 dB
Wanted signal –82 dBm, adjacent modulated channel at
Alternate-channel rejection, 10-MHz
10 MHz, PER = 1%, as specified by [1]
57
dB
channel spacing
[1] requires 30 dB
Wanted signal –82 dBm, adjacent modulated channel at
Alternate-channel rejection, –10-MHz
–10 MHz, PER = 1%, as specified by [1]
57
dB
channel spacing
[1] requires 30 dB
Channel rejection
Wanted signal at –82 dBm. Undesired signal is an IEEE
≥ 20 MHz
802.15.4 modulated channel, stepped through all channels
57
dB
from 2405 to 2480 MHz. Signal level for PER = 1%.
≤ –20 MHz
57
Wanted signal at –82 dBm. Undesired signal is 802.15.4
Co-channel rejection
modulated at the same frequency as the desired signal. Signal
–2
dB
level for PER = 1%.
Blocking/desensitization
Measured according to ETSI EN 300 440-1 V1.6.1 (2010-04)
–250 MHz from band edge
-37
blocking/desensitization. Wanted signal 3 dB above sensitivity
–100 MHz from band edge
-35
limit, interferer at 10×, 20× and 50× bandwidth from receiver
dBm
–50 MHz from band edge
channel band edge. Limit > –45dBm for class-2 receiver.
-40
50 MHz from band edge
-38
100 MHz from band edge
-33
250 MHz from band edge
-32
Spurious emission. Only largest spurious
emission stated within each band.
Conducted measurement with a 50-
Ω single-ended load.
Suitable for systems targeting compliance with EN 300 328,
dBm
30 MHz–1000 MHz
<
EN 300 440, FCC CFR47 Part 15, and ARIB STD-T-66.
–80
1 GHz–12.75 GHz
–57
Frequency error tolerance(1)
[1] requires minimum 80 ppm
±150
ppm
Symbol rate error tolerance(2)
[1] requires minimum 80 ppm
±1000
ppm
(1)
Difference between center frequency of the received RF signal and local oscillator frequency.
(2)
Difference between incoming symbol rate and the internally generated symbol rate
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): CC2533


Similar Part No. - CC2533_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2533 TI-CC2533_12 Datasheet
879Kb / 34P
[Old version datasheet]   An Optimized System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 Remote Control Applications
More results

Similar Description - CC2533_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2533 TI-CC2533 Datasheet
887Kb / 34P
[Old version datasheet]   An Optimized System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 Remote Control Applications
CC2533 TI-CC2533_12 Datasheet
879Kb / 34P
[Old version datasheet]   An Optimized System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 Remote Control Applications
CC2530F32 TI-CC2530F32_2 Datasheet
740Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530 TI1-CC2530 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Aplus Intergrated Circu...
CC2530F32 APLUS-CC2530F32 Datasheet
890Kb / 31P
   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F32 TI1-CC2530F32_17 Datasheet
980Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_11 Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F3 TI-CC2530F3_12 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530ZDK TI1-CC2530ZDK Datasheet
440Kb / 34P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
TEXAS ADVANCED OPTOELEC...
CC2430 TAOS-CC2430 Datasheet
1Mb / 212P
   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com