Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCP-2000-48 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # RCP-2000-48
Description  2000W Front End Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RCP-2000-48 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  RCP-2000-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RCP-2000-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RCP-2000-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RCP-2000-48 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RCP-2000-48 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MechanicalSpecification(SingleUnit)
CaseNo.974A
Unit:mm
Input/OutputConnectorPinNo. Assignment(CN501):PostronicPCIM34W13M400A1
PinNo.
PinNo.
PinNo.
PinNo.
PinNo.
PinNo.
9
1,2,3,4
13
18
23
28
33
10
11
16
15
21
20
26
25
31
30
5,6,7,8
14
19
24
29
34
12
17
22
27
32
Assignment
Assignment
Assignment
Assignment
Assignment
Assignment
MatingHousing
-V
+S
A2
SCL
+5V-AUX
AC/N
-V(signal)
+V(signal)
-S
A3
AC-OK
+12V-AUX
+V
DB
A1
SDA
FAN-FAIL
AC/L
PV
A0
A4
DC-OK
GND-AUX
DA
ON/OFF
NC
T-ALARM
FG
Postronic
PCIM34W13F400A1
direction
Airflow
41
295
1 3 5 7 9
33
2 4 6 8 10
32
34
CN501
12
13
11
15
16
14
18
19
17
21
22
20
24
25
23
27
28
26
30
31
29
SVR1
24
2000WFrontEndPowerSupply
R C P - 2 0 0 0 series
FileName:RCP-2000-SPEC2011-05-09
SAFETY STANDARDS
WITHSTANDVOLTAGE
UL60950-1, TUVEN60950-1approved
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.7KVDC
ISOLATIONRESISTANCE
MTBF
DIMENSION
PACKING
OTHERS
60.1Khrsmin.MIL-HDBK-217F(25
)
295*127*41mm(L*W*H)
SAFETY &
EMC
(Note4)
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
2Kg;6pcs/13Kg/1.04CUFT
RCP-2000-12
RCP-2000-24
MODEL
RCP-2000-48
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN61000-6-2(EN50082-2),heavyindustrylevel,criteria A
CompliancetoEN55022(CISPR22)ConductionClassB,RadiationClass A ;EN61000-3-2,-3
NOTE
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Derating may be needed under low input voltages. Please check the static characteristics for more details.
6. Output of all the RCP-2000 modules are connected in parallel in the rack.
7. Under parallel operation of more than one rack connecting together, ripple of the output voltage may be higher than the SPEC at light load condition.
It will go back to normal ripple level once the output load is more than 10%.
EMCIMMUNITY
EMCEMISSION


Similar Part No. - RCP-2000-48

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RCP-22-W-1-C4 ADAM-TECH-RCP-22-W-1-C4 Datasheet
81Kb / 1P
   RCA PLUG
RCP-22-W-1-C5 ADAM-TECH-RCP-22-W-1-C5 Datasheet
94Kb / 1P
   RCA PLUG
RCP-22-W-1-C5WIRE ADAM-TECH-RCP-22-W-1-C5WIRE Datasheet
81Kb / 1P
   RCA PLUG WITH WIRE
logo
Richco, Inc.
RCP-26 RICHCO-RCP-26 Datasheet
46Kb / 1P
   CARD EJECTORS
RCP-29 RICHCO-RCP-29 Datasheet
46Kb / 1P
   CARD EJECTORS
More results

Similar Description - RCP-2000-48

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
CRPS DELTA-CRPS Datasheet
260Kb / 11P
   550-2000W 1U Front End AC-DC Power Supply
logo
List of Unclassifed Man...
TC-2000RHN4 ETC2-TC-2000RHN4 Datasheet
281Kb / 17P
   2000W Redundant Power Supply
TC-2000RVN4 ETC2-TC-2000RVN4 Datasheet
282Kb / 17P
   2000W Redundant Power Supply
logo
Bel Fuse Inc.
FNP3000 BEL-FNP3000 Datasheet
1Mb / 17P
   AC-DC FRONT-END POWER SUPPLY
PFE1500-12-054XD BEL-PFE1500-12-054XD Datasheet
1Mb / 24P
   DC-DC FRONT END POWER SUPPLY
PFE1100-12-054XD BEL-PFE1100-12-054XD_18 Datasheet
1Mb / 16P
   DC-DC FRONT END POWER SUPPLY
logo
Murata Power Solutions ...
CPS_D1U-2000-48-HX MURATA-PS-CPS_D1U-2000-48-HX Datasheet
172Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Manufacturing Co...
D1U4CS-W-2200-12-HC4C MURATA-D1U4CS-W-2200-12-HC4C_11 Datasheet
160Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Power Solutions ...
D1U4-W-1200-12-HC2C MURATA-PS-D1U4-W-1200-12-HC2C Datasheet
186Kb / 5P
   AC/DC Front End Power Supply
logo
Bel Fuse Inc.
PET750-12-050XD BEL-PET750-12-050XD Datasheet
1Mb / 22P
   DC-DC FRONT END POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com