Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC34063A Datasheet(PDF) 1 Page - Unisonic Technologies

Part No. MC34063A
Description  DC TO DC CONVERTER CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UTC [Unisonic Technologies]
Homepage  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34063A Datasheet(HTML) 1 Page - Unisonic Technologies

  MC34063A Datasheet HTML 1Page - Unisonic Technologies MC34063A Datasheet HTML 2Page - Unisonic Technologies MC34063A Datasheet HTML 3Page - Unisonic Technologies MC34063A Datasheet HTML 4Page - Unisonic Technologies MC34063A Datasheet HTML 5Page - Unisonic Technologies MC34063A Datasheet HTML 6Page - Unisonic Technologies MC34063A Datasheet HTML 7Page - Unisonic Technologies MC34063A Datasheet HTML 8Page - Unisonic Technologies MC34063A Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MC34063A
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 10
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R103-008,H
DC TO DC CONVERTER
CONTROLLER
DESCRIPTION
The UTC MC34063A is a monolithic regulator subsystem,
intended for use as DC to DC converter. This device contains a
temperature compensated band gap reference, a duty-cycle
control oscillator, driver and high current output switch. It can be
used for step down, step-up or inverting switching regulators as
well as for series pass regulators.
FEATURES
* Operation from 3.0V to 40V.
* Short circuit current limiting.
* Low standby current.
* Output switch current of 1.5A without external transistors.
* Frequency of operation from 100Hz to 100kHz.
* Step-up, step-down or inverting switch regulators.
Lead-free:
MC34063AL
Halogen-free: MC34063AG
ORDERING INFORMATION
Ordering Number
Normal
Lead Free
Halogen Free
Package
Packing
MC34063A-D08-T
MC34063AL-D08-T
MC34063AG-D08-T
DIP-8
Tube
MC34063A-S08-R
MC34063AL-S08-R
MC34063AG-S08-R
SOP-8
Tape Reel


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn