Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2480A1RTCR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CC2480A1RTCR
Description  Z-Accel 2.4 GHz ZigBee Processor
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2480A1RTCR Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC2480A1RTCR Datasheet HTML 4Page - Texas Instruments CC2480A1RTCR Datasheet HTML 5Page - Texas Instruments CC2480A1RTCR Datasheet HTML 6Page - Texas Instruments CC2480A1RTCR Datasheet HTML 7Page - Texas Instruments CC2480A1RTCR Datasheet HTML 8Page - Texas Instruments CC2480A1RTCR Datasheet HTML 9Page - Texas Instruments CC2480A1RTCR Datasheet HTML 10Page - Texas Instruments CC2480A1RTCR Datasheet HTML 11Page - Texas Instruments CC2480A1RTCR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
CC2480
5.1
General Characteristics
Measured on Texas Instruments
CC2480 EM reference design with TA=25°C and VDD=3.0V
unless stated otherwise.
Table 4: General Characteristics
Parameter
Min
Typ
Max
Unit
Condition/Note
Wake-Up and Timing
Power mode 1
power
mode 0
4.1
µs
Digital regulator on, 16 MHz RCOSC and
32 MHz crystal oscillator off. Start-up of
16 MHz RCOSC.
Power mode 2 or 3
power
mode 0
120
µs
Digital regulator off, 16 MHz RCOSC and
32 MHz crystal oscillator off. Start-up of
regulator and 16 MHz RCOSC.
Active
TX or RX
32MHz XOSC initially OFF.
Voltage regulator initially OFF
525
µs
Time from enabling radio part in power
mode 0, until TX or RX starts. Includes
start-up of voltage regulator and crystal
oscillator in parallel. Crystal ESR=16
Ω.
Active
TX or RX
Voltage regulator initially OFF
320
µs
Time from enabling radio part in power
mode 0, until TX or RX starts. Includes
start-up of voltage regulator.
Active
RX or TX
192
µs
Radio part already enabled.
Time until RX or TX starts.
RX/TX turnaround
192
µs
Radio part
RF Frequency Range
2400
2483.5
MHz
Programmable in 1 MHz steps, 5 MHz
between channels for compliance with
[1]
Radio bit rate
250
kbps
As defined by [1]
Radio chip rate
2.0
MChip/s
As defined by [1]
CC2480 Data Sheet SWRS074A
Page 8 of 43


Similar Part No. - CC2480A1RTCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2480A1RTCR TI-CC2480A1RTCR Datasheet
691Kb / 44P
[Old version datasheet]   Z-Accel 2.4 GHz ZigBee짰 Processor
CC2480A1RTCR TI1-CC2480A1RTCR Datasheet
953Kb / 48P
[Old version datasheet]   Z-Accel 2.4 GHz ZigBee짰 Processor
More results

Similar Description - CC2480A1RTCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2480 TI-CC2480 Datasheet
691Kb / 44P
[Old version datasheet]   Z-Accel 2.4 GHz ZigBee짰 Processor
CC2480A1 TI1-CC2480A1 Datasheet
953Kb / 48P
[Old version datasheet]   Z-Accel 2.4 GHz ZigBee짰 Processor
logo
RF Monolithics, Inc
ZMN2405HP RFM-ZMN2405HP Datasheet
326Kb / 6P
   2.4 GHz ZigBee Transceiver Module
logo
Dorji Industrial Group ...
DZM5168M DORJI-DZM5168M Datasheet
293Kb / 17P
   2.4-GHz Low Energy Zigbee Module
logo
ATMEL Corporation
AT86RF231-ZU ATMEL-AT86RF231-ZU_09 Datasheet
4Mb / 198P
   Low Power 2.4 GHz Transceiver for ZigBee
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
   2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
Skyworks Solutions Inc.
SKY65006-348LF SKYWORKS-SKY65006-348LF Datasheet
2Mb / 15P
   2.4-2.5 GHz WLAN/Zigbee Power Amplifier
logo
Texas Instruments
CC2520 TI1-CC2520_17 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
DK-EM2-2520Z TI-DK-EM2-2520Z Datasheet
91Kb / 2P
[Old version datasheet]   2.4 GHz ZigBee Wireless Networking on Stellaris짰
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com