Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1118IRUGT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1118IRUGT
Description  Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1118IRUGT Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS1118IRUGT Datasheet HTML 4Page - Texas Instruments ADS1118IRUGT Datasheet HTML 5Page - Texas Instruments ADS1118IRUGT Datasheet HTML 6Page - Texas Instruments ADS1118IRUGT Datasheet HTML 7Page - Texas Instruments ADS1118IRUGT Datasheet HTML 8Page - Texas Instruments ADS1118IRUGT Datasheet HTML 9Page - Texas Instruments ADS1118IRUGT Datasheet HTML 10Page - Texas Instruments ADS1118IRUGT Datasheet HTML 11Page - Texas Instruments ADS1118IRUGT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
−5
−4
−3
−2
−1
0
1
2
3
4
5
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
Input Signal (V)
−40°C
+25°C
+125°C
FS = ±2.048V
VDD = 3.3V
DR = 8SPS
Best Fit
G011
−10
−8
−6
−4
−2
0
2
4
6
8
10
−0.5
−0.4
−0.2
−0.1
0
0.1
0.2
0.4
0.5
Input Signal (V)
−40°C
+25°C
+125°C
FS = ±0.512V
VDD = 3.3V
DR = 8SPS
Best Fit
G012
−5
−4
−3
−2
−1
0
1
2
3
4
5
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
Input Signal (V)
−40°C
+25°C
+125°C
FS = ±2.048V
VDD = 5V
DR = 8SPS
Best Fit
G013
−10
−8
−6
−4
−2
0
2
4
6
8
10
−0.5
−0.4
−0.2
−0.1
0
0.1
0.2
0.4
0.5
Input Signal (V)
−40°C
+25°C
+125°C
FS = ±0.512V
VDD = 5V
DR = 8SPS
Best Fit
G014
0
2
4
6
8
10
12
−60
−40
−20
0
20
40
60
80
100
120
140
Temperature (°C)
VDD = 2V
VDD = 3.3V
VDD = 5V
FS = ±2.048V
DR = 8SPS
Best Fit
G015
8
16
32
64
128
250
475
860
8
16
32
64
128
250
475
860
0
2
4
6
8
10
12
14
16
Data Rate (SPS)
−40°C
+25°C
+125°C
FS = ±2.048V
Best Fit
G016
ADS1118
SBAS457A
– OCTOBER 2010 – REVISED JULY 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C and VDD = 3.3V, unless otherwise noted.
INL vs INPUT SIGNAL
INL vs INPUT SIGNAL
Figure 8.
Figure 9.
INL vs INPUT SIGNAL
INL vs INPUT SIGNAL
Figure 10.
Figure 11.
INL vs TEMPERATURE
INL vs DATA RATE
Figure 12.
Figure 13.
8
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - ADS1118IRUGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1118IRUGT TI1-ADS1118IRUGT Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit
ADS1118IRUGT TI1-ADS1118IRUGT Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
More results

Similar Description - ADS1118IRUGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1118 TI-ADS1118_13 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118_14 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1018 TI1-ADS1018_14 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com