Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADS1118IDGST Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part No. ADS1118IDGST
Description  Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

ADS1118IDGST Datasheet(HTML) 9 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
−60
−40
−20
0
20
40
60
−40
−20
0
20
40
60
80
100
120
Temperature (°C)
AIN0 to GND
AIN1 to GND
AIN2 to GND
AIN3 to GND
FS = ±2.048V
G004
−60
−40
−20
0
20
40
60
2
2.5
3
3.5
4
4.5
5
Supply Voltage (V)
AIN0 to GND
AIN1 to GND
AIN2 to GND
AIN3 to GND
FS = ±2.048V
G005
−40
−30
−20
−10
0
10
20
30
40
−40
−20
0
20
40
60
80
100
120
Temperature (°C)
AIN0 to AIN1
AIN0 to AIN3
AIN1 to AIN3
AIN2 to AIN3
FS = ±2.048V
G006
−40
−30
−20
−10
0
10
20
30
40
2
2.5
3
3.5
4
4.5
5
Supply Voltage (V)
AIN0 to AIN1
AIN0 to AIN3
AIN1 to AIN3
AIN2 to AIN3
FS = ±2.048V
G007
0
5
10
15
Offset Drift (LSB/°C)
Offset Drift from −40°C to +125°C
FS = ±2.048V, MUX = AIN0 to AIN3
30 units from one production lot
G046
0
50
100
150
200
Offset (µV)
540 units from 3 production lots
FS = ±2.048V
G000
ADS1118
www.ti.com
SBAS457A
– OCTOBER 2010 – REVISED JULY 2011
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C and VDD = 3.3V, unless otherwise noted.
SINGLE-ENDED OFFSET vs TEMPERATURE
SINGLE-ENDED OFFSET vs SUPPLY
Figure 14.
Figure 15.
DIFFERENTIAL OFFSET vs TEMPERATURE
DIFFERENTIAL OFFSET vs SUPPLY
Figure 16.
Figure 17.
OFFSET DRIFT HISTOGRAM
OFFSET HISTOGRAM
Figure 18.
Figure 19.
Copyright
© 2010–2011, Texas Instruments Incorporated
9


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn