Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADS1118IDGST Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part No. ADS1118IDGST
Description  Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

ADS1118IDGST Datasheet(HTML) 8 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
−5
−4
−3
−2
−1
0
1
2
3
4
5
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
Input Signal (V)
−40°C
+25°C
+125°C
FS = ±2.048V
VDD = 3.3V
DR = 8SPS
Best Fit
G011
−10
−8
−6
−4
−2
0
2
4
6
8
10
−0.5
−0.4
−0.2
−0.1
0
0.1
0.2
0.4
0.5
Input Signal (V)
−40°C
+25°C
+125°C
FS = ±0.512V
VDD = 3.3V
DR = 8SPS
Best Fit
G012
−5
−4
−3
−2
−1
0
1
2
3
4
5
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
Input Signal (V)
−40°C
+25°C
+125°C
FS = ±2.048V
VDD = 5V
DR = 8SPS
Best Fit
G013
−10
−8
−6
−4
−2
0
2
4
6
8
10
−0.5
−0.4
−0.2
−0.1
0
0.1
0.2
0.4
0.5
Input Signal (V)
−40°C
+25°C
+125°C
FS = ±0.512V
VDD = 5V
DR = 8SPS
Best Fit
G014
0
2
4
6
8
10
12
−60
−40
−20
0
20
40
60
80
100
120
140
Temperature (°C)
VDD = 2V
VDD = 3.3V
VDD = 5V
FS = ±2.048V
DR = 8SPS
Best Fit
G015
8
16
32
64
128
250
475
860
8
16
32
64
128
250
475
860
0
2
4
6
8
10
12
14
16
Data Rate (SPS)
−40°C
+25°C
+125°C
FS = ±2.048V
Best Fit
G016
ADS1118
SBAS457A
– OCTOBER 2010 – REVISED JULY 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C and VDD = 3.3V, unless otherwise noted.
INL vs INPUT SIGNAL
INL vs INPUT SIGNAL
Figure 8.
Figure 9.
INL vs INPUT SIGNAL
INL vs INPUT SIGNAL
Figure 10.
Figure 11.
INL vs TEMPERATURE
INL vs DATA RATE
Figure 12.
Figure 13.
8
Copyright
© 2010–2011, Texas Instruments Incorporated


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn