Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1118IDGST Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1118IDGST
Description  Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1118IDGST Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS1118IDGST Datasheet HTML 2Page - Texas Instruments ADS1118IDGST Datasheet HTML 3Page - Texas Instruments ADS1118IDGST Datasheet HTML 4Page - Texas Instruments ADS1118IDGST Datasheet HTML 5Page - Texas Instruments ADS1118IDGST Datasheet HTML 6Page - Texas Instruments ADS1118IDGST Datasheet HTML 7Page - Texas Instruments ADS1118IDGST Datasheet HTML 8Page - Texas Instruments ADS1118IDGST Datasheet HTML 9Page - Texas Instruments ADS1118IDGST Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
SCLK
CS
DIN
DOUT
t
SCLK
t
CSSC
t
SPWH
t
DIHD
t
SPWL
t
CSDOZ
t
DOHD
t
DOPD
t
SCCS
t
SCSC
t
CSH
t
CSDOD
t
DIST
Hi-Z
Hi-Z
ADS1118
SBAS457A
– OCTOBER 2010 – REVISED JULY 2011
www.ti.com
SPI TIMING CHARACTERISTICS
Figure 1. Serial Interface Timing
TIMING REQUIREMENTS: SERIAL INTERFACE TIMING
At TA = –40°C to +125°C and VDD = 2V to 5.5V, unless otherwise noted.
SYMBOL
DESCRIPTION
MIN
MAX
UNIT
tCSSC
CS low to first SCLK: setup time(1)
100
ns
tSCLK
SCLK period
250
ns
tSPWH
SCLK pulse width: high
100
ns
100
ns
tSPWL
SCLK pulse width: low(2)
28
ms
tDIST
Valid DIN to SCLK falling edge: setup time
50
ns
tDIHD
Valid DIN to SCLK falling edge: hold time
50
ns
tDOPD
SCLK rising edge to valid new DOUT: propagation delay(3)
50
ns
tDOHD
SCLK rising edge to DOUT invalid: hold time
0
ns
tCSDOD
CS low to DOUT driven: propagation delay
100
ns
tCSDOZ
CS high to DOUT Hi-Z: propagation delay
100
ns
tCSH
CS high pulse
200
ns
tSCCS
Final SCLK falling edge to CS high
100
ns
(1)
CS can be tied low.
(2)
Holding SCLK low longer than 28ms resets the SPI interface.
(3)
DOUT load = 20pF || 100k
Ω to DGND.
6
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - ADS1118IDGST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1118IDGST TI1-ADS1118IDGST Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit
ADS1118IDGST TI1-ADS1118IDGST Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
More results

Similar Description - ADS1118IDGST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1118 TI-ADS1118_13 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118_14 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1018 TI1-ADS1018_14 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com