Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RACD60-1050 Datasheet(PDF) 3 Page - Recom International Power

Part # RACD60-1050
Description  60 Watt PFC Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD60-1050 Datasheet(HTML) 3 Page - Recom International Power

  RACD60-1050 Datasheet HTML 1Page - Recom International Power RACD60-1050 Datasheet HTML 2Page - Recom International Power RACD60-1050 Datasheet HTML 3Page - Recom International Power RACD60-1050 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
28
www.recom-electronic.com
REV: 3/2011
RACD60
Series
LIGHTLINE
AC/DC-Converter
28.0
101.6
50.8
95.3
45
Use M4 Mounting Screws
Current
Limit
1
2
3
4
FG
5
FG
FG
CN1
CN2
25.5
28.0
3rd angle
projection
RACD60-xxxx/OF and RACD60-xxxx/TOF
110
300mm
Cable
300mm
Cable
121.5
118
35
60
use M3
or 3 x 30
fixing screws
2
Pin Connections – Single Output
Wire
Function
Brown
VAC in (L)
Blue
VAC in (N)
Green/Yellow
FG
Red
+VDC Out
Black
-VDC Out
Dimension Tolerance ± 0.25 mm
RACD60-xxxx/IP67
Package Style and Pinning
Pin Connections – Single Output
Pin #
/OF
/TOF
1
VAC in (L)
VAC in (L)
2
VAC in (N)
VAC in (N)
3
NC
Thermal feedback
4
+VDC Out
+VDC Out
5
-VDC Out
Com
Filter Ground connection via mounting holes
Dimension Tolerance ± 0.25 mm
Package Style and Pinning


Similar Part No. - RACD60-1050

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD60-1050 RECOM-RACD60-1050 Datasheet
114Kb / 3P
   60 Watt PFC Single Output
RACD60-1050 RECOM-RACD60-1050 Datasheet
153Kb / 4P
   60 Watt PFC Single Output
RACD60-1050A RECOM-RACD60-1050A Datasheet
98Kb / 2P
   60 Watt PFC Single Output
More results

Similar Description - RACD60-1050

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD60 RECOM-RACD60 Datasheet
114Kb / 3P
   60 Watt PFC Single Output
RACD60_1104 RECOM-RACD60_1104 Datasheet
153Kb / 4P
   60 Watt PFC Single Output
RACD60-A RECOM-RACD60-A Datasheet
98Kb / 2P
   60 Watt PFC Single Output
RACD20 RECOM-RACD20 Datasheet
86Kb / 2P
   20 Watt PFC Single Output
RACD12 RECOM-RACD12 Datasheet
90Kb / 2P
   12 Watt PFC Single Output
RACD45-A RECOM-RACD45-A Datasheet
97Kb / 2P
   45 Watt PFC Single Output
RACD35-A RECOM-RACD35-A Datasheet
114Kb / 2P
   35 Watt PFC Single Output
RACD20-350 RECOM-RACD20-350 Datasheet
134Kb / 2P
   20 Watt PFC Single Output
RACD25-A RECOM-RACD25-A Datasheet
106Kb / 2P
   25 Watt PFC Single Output
RAC60-05SA RECOM-RAC60-05SA Datasheet
76Kb / 2P
   60 Watt Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com