Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FKA2-25489NBHT3F Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # FKA2-25489NBHT3F
Description  254x89mm AC AXIAL FAN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

FKA2-25489NBHT3F Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  FKA2-25489NBHT3F Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Motor: Capacitor-Run Induction Motor
Motor Protection: Thermal Protected
Bearing Type: Two Ball
Connection: UL 1015 AWG 20, 300mm Wire Leads or Terminal
Impeller Material: Plastic UL94V-0
Operating Temp:
Two Ball: -10°C~70°C
254x89mm
FKA2-25489 Series
Features:
Frame Material: Aluminum Alloy
Volt.
(VAC)
Freq.
(Hz)
Current
(A)
Power
(W)
Rated
Speed
(rpm)
Model No.
FKA2-25489NBH 3F
FKA2-25489QBH 3F
FKA2-25489NBM 3F
FKA2-25489QBM 3F
50/60
50/60
50/60
50/60
0.55/0.62
0.26/0.30
0.22/0.24
0.16/0.14
56.00/67.80
55.40/62.80
24.20/26.50
32.20/28.80
2100/2000
2100/2000
1350/1600
1350/1600
Maximum
AirFlow
19.244/17.829
19.244/17.829
12.735/14.999
12.735/14.999
680/630
680/630
450/530
450/530
115
230
115
230
(CMM)
(CFM)
Maximum Static
Pressure
0.346/0.276
0.346/0.276
0.262/0.322
0.262/0.322
8.788/7.010
8.788/7.010
6.650/8.190
6.650/8.190
(InAq)
(mmAq)
Noise
Level
(dB/A)
66.0/62.0
66.0/62.0
55.6/57.0
55.6/57.0
Weight
(g)
2000
2000
2000
2000
ISO-9001 Company
www.qualtekusa.com
AC AXIAL FAN
Life Expectancy:
Two Ball: 50,000 Hours
**
** Indicates “W” (Wire Leads) or “T” (Terminal)
Qualtek
Electronics Corporation
**
**
**
Noise is measured at the distance of one (1) meter from the axis of intake.
Fan-S Division


Similar Part No. - FKA2-25489NBHT3F

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
FKA2-20572 QUALTEK-FKA2-20572 Datasheet
1Mb / 1P
   205x205x72mm AC AXIAL FAN
FKA2-20572NBHT3F QUALTEK-FKA2-20572NBHT3F Datasheet
1Mb / 1P
   205x205x72mm AC AXIAL FAN
FKA2-20572NBHW3F QUALTEK-FKA2-20572NBHW3F Datasheet
1Mb / 1P
   205x205x72mm AC AXIAL FAN
FKA2-20572QBHT3F QUALTEK-FKA2-20572QBHT3F Datasheet
1Mb / 1P
   205x205x72mm AC AXIAL FAN
FKA2-20572QBHW3F QUALTEK-FKA2-20572QBHW3F Datasheet
1Mb / 1P
   205x205x72mm AC AXIAL FAN
More results

Similar Description - FKA2-25489NBHT3F

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
FDA2-25489 QUALTEK-FDA2-25489 Datasheet
530Kb / 1P
   254x89mm AC AXIAL FAN
FAA1-08025 QUALTEK-FAA1-08025 Datasheet
1Mb / 1P
   80x80x25mm AC AXIAL FAN
logo
ebm-papst
3500 EBMPAPST-3500 Datasheet
290Kb / 4P
   AC axial compact fan
3656 EBMPAPST-3656 Datasheet
290Kb / 4P
   AC axial compact fan
4650Z EBMPAPST-4650Z Datasheet
286Kb / 4P
   AC axial compact fan
4656N EBMPAPST-4656N Datasheet
296Kb / 4P
   AC axial compact fan
4656TZ EBMPAPST-4656TZ Datasheet
208Kb / 3P
   AC axial compact fan
4856Z EBMPAPST-4856Z Datasheet
287Kb / 4P
   AC axial compact fan
5908 EBMPAPST-5908 Datasheet
293Kb / 4P
   AC axial compact fan
7056ES EBMPAPST-7056ES Datasheet
312Kb / 4P
   AC axial compact fan
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com