Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAA1-08025QBMT31 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # FAA1-08025QBMT31
Description  80x80x25mm AC AXIAL FAN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

FAA1-08025QBMT31 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  FAA1-08025QBMT31 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Motor: Shaded Pole Induction Motor
Motor Protection: Impedance Protected
Bearing Type: Two Ball or Sleeve
Connection: UL 1430 AWG 22, 280mm Wire Leads or Terminal
Impeller Material: Plastic UL94V-0
Operating Temp:
Two Ball: -10°C~70°C
Sleeve: -10°C~60°C
80x80x25mm
FAA1-08025 Series
Features:
Frame Material: Aluminum Alloy
Volt.
(VAC)
Freq.
(Hz)
Current
(A)
Power
(W)
Rated
Speed
(rpm)
Model No.
FAA1-08025N H 31
FAA1-08025Q H 31
FAA1-08025N M 31
FAA1-08025Q M 31
50/60
50/60
50/60
50/60
0.07/0.06
0.07/0.06
0.07/0.55
0.07/0.55
9.00/7.00
13.00/10.00
6.00/5.00
12.50/11.00
2300/2800
2300/2800
1900/2500
1900/2500
Maximum
AirFlow
0.481/0.594
0.481/0.594
0.424/0.537
0.424/0.537
17.0/21.0
17.0/21.0
15.0/19.0
15.0/19.0
115
230
115
230
(CMM)
(CFM)
Maximum Static
Pressure
0.099/0.125
0.099/0.125
0.075/0.118
0.075/0.118
2.515/3.600
2.515/3.600
1.900/3.000
1.900/3.000
(InAq)
(mmAq)
Noise
Level
(dB/A)
21.2/27.8
21.2/27.8
18.3/24.0
18.3/24.0
Weight
(g)
210
210
210
210
ISO-9001 Company
www.qualtekusa.com
AC AXIAL FAN
Life Expectancy:
Two Ball: 50,000 Hours
Sleeve: 30,000 Hours
* Indicates “B” (Ball Bearing) or “S” (Sleeve Bearing)
* **
** Indicates “W” (Wire Leads) or “T” (Terminal)
Qualtek
Electronics Corporation
* **
* **
* **
Noise is measured at the distance of one (1) meter from the axis of intake.
Fan-S Division


Similar Part No. - FAA1-08025QBMT31

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
FAA1-08038 QUALTEK-FAA1-08038 Datasheet
1Mb / 1P
   80x80x38mm AC AXIAL FAN
FAA1-08038NBHT31 QUALTEK-FAA1-08038NBHT31 Datasheet
1Mb / 1P
   80x80x38mm AC AXIAL FAN
FAA1-08038NBHW31 QUALTEK-FAA1-08038NBHW31 Datasheet
1Mb / 1P
   80x80x38mm AC AXIAL FAN
FAA1-08038NBMT31 QUALTEK-FAA1-08038NBMT31 Datasheet
1Mb / 1P
   80x80x38mm AC AXIAL FAN
FAA1-08038NBMW31 QUALTEK-FAA1-08038NBMW31 Datasheet
1Mb / 1P
   80x80x38mm AC AXIAL FAN
More results

Similar Description - FAA1-08025QBMT31

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
FAD1-08025 QUALTEK-FAD1-08025 Datasheet
1Mb / 1P
   80x80x25mm DC AXIAL FAN
logo
Dubilier
DBF8025B115MT DUBILIER-DBF8025B115MT Datasheet
130Kb / 1P
   AC COOLING FAN 80x80x25mm
DBF8025B12H DUBILIER-DBF8025B12H Datasheet
132Kb / 1P
   DC COOLING FAN 80x80x25mm
logo
ebm-papst
3500 EBMPAPST-3500 Datasheet
290Kb / 4P
   AC axial compact fan
3656 EBMPAPST-3656 Datasheet
290Kb / 4P
   AC axial compact fan
4650Z EBMPAPST-4650Z Datasheet
286Kb / 4P
   AC axial compact fan
4656N EBMPAPST-4656N Datasheet
296Kb / 4P
   AC axial compact fan
4656TZ EBMPAPST-4656TZ Datasheet
208Kb / 3P
   AC axial compact fan
4856Z EBMPAPST-4856Z Datasheet
287Kb / 4P
   AC axial compact fan
5908 EBMPAPST-5908 Datasheet
293Kb / 4P
   AC axial compact fan
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com