Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX-7040-EAE-2872-12M8 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # TX-7040-EAE-2872-12M8
Description  TCXO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TX-7040-EAE-2872-12M8 Datasheet(HTML) 3 Page - Vectron International, Inc

  TX-7040-EAE-2872-12M8 Datasheet HTML 1Page - Vectron International, Inc TX-7040-EAE-2872-12M8 Datasheet HTML 2Page - Vectron International, Inc TX-7040-EAE-2872-12M8 Datasheet HTML 3Page - Vectron International, Inc TX-7040-EAE-2872-12M8 Datasheet HTML 4Page - Vectron International, Inc TX-7040-EAE-2872-12M8 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TX-7040-EAE-2872-12M8
TCXO
www.vectron.com
modified 2011-06-07 Index : 3
printed 2011-06-07 • page 3 of 5
Vectron International • Product Specifications TX-7040-EAE-2872
Enclosure
Type G290
Height 1.8 mm
all units in mm
Pin Connections
Pin
1: I.C.
2: N.C.
Pin
3: I.C.
4: GND
Pin
5: RF-Output
6: N.C.
Pin
7: N.C.
8: Enable
Pin
9: V_supply
10: N.C.
Marking
EAE2872
12M800
*VAYYWW
-
-
* pin-1 marking


Similar Part No. - TX-7040-EAE-2872-12M8

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TX-7040-EAE-2872-10M0 VECTRON-TX-7040-EAE-2872-10M0 Datasheet
143Kb / 5P
   TCXO
More results

Similar Description - TX-7040-EAE-2872-12M8

ManufacturerPart #DatasheetDescription
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
   TCXO/VC-TCXO
logo
Kyocera Kinseki Corpota...
TCXO-201CA KSS-TCXO-201CA Datasheet
124Kb / 1P
   TCXO, VC-TCXO
TCXO-204C2 KSS-TCXO-204C2 Datasheet
127Kb / 1P
   TCXO, VC-TCXO
TCXO-205CA KSS-TCXO-205CA Datasheet
127Kb / 1P
   TCXO, VC-TCXO
TCXO-208C KSS-TCXO-208C Datasheet
159Kb / 1P
   TCXO, VC-TCXO
logo
ECS, Inc.
ECS-TXO-3225 ECS-ECS-TXO-3225 Datasheet
127Kb / 1P
   HCMOS TCXO/VC-TCXO
ECS-TXO-5032 ECS-ECS-TXO-5032 Datasheet
135Kb / 1P
   HCMOS TCXO/VC-TCXO
logo
Advanced Crystal Techno...
SMPT-6 ACT-SMPT-6 Datasheet
741Kb / 3P
   TCXO
08/10/2013
logo
IQD Frequency Products ...
LFTCXO075801 IQD-LFTCXO075801 Datasheet
145Kb / 2P
   TCXO
LFTCXO063715 IQD-LFTCXO063715 Datasheet
491Kb / 2P
   TCXO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com