Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX-704-0001-20M0 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TX-704-0001-20M0
Description  TCXO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TX-704-0001-20M0 Datasheet(HTML) 1 Page - Vectron International, Inc

  TX-704-0001-20M0 Datasheet HTML 1Page - Vectron International, Inc TX-704-0001-20M0 Datasheet HTML 2Page - Vectron International, Inc TX-704-0001-20M0 Datasheet HTML 3Page - Vectron International, Inc TX-704-0001-20M0 Datasheet HTML 4Page - Vectron International, Inc TX-704-0001-20M0 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TX-704-0001-20M0
TCXO
www.vectron.com
modified 2011-04-18 Index : 3
printed 2011-06-03 • page 1 of 5
Vectron International • Product Specifications TX-704-0001
Nominal frequency (f0)
20 MHz
Frequency stabilities
Parameter
Frequency stability
Operating temp. range
Over all (df/f0)
-4.6 to 4.6 ppm
vs. operating temp. range (df/f@25 °C)
-0.28 to 0.28 ppm
-20 ... 70 °C
Additional information
Hold over incl.: df vs temp. -20..+70°C, dVs ±5%, aging 24h:
<=±0.32ppm
Parameter
Value
Condition
initial tolerance (df/f0)
-1 to 1 ppm
@25 °C
vs. supply voltage change (df/f)
-0.2 to 0.2 ppm
static; 3.3 V ±5 %
vs. load change (df/f)
-0.2 to 0.2 ppm
static; Load ± 10 %
vs. aging / 15 years (df/f)
<± 2.5 ppm
@ 40 °C
Holdover 24 h
± 0.32 ppm
Overall incl: initial, temp. -20..+70°C, supply±5%, load var.±5%, aging 20 years
RF output
Parameter
Value
Condition
Signal
LVCMOS
Load
15 pF ±10 %
Fan out
3
Rise Time
< 9 ns
@ 10 to 90 %Vout
Fall Time
< 9 ns
@ 90 to 10 %Vout
Duty cycle
45 / 55 %
@ 1.65 V
V Low
x < 0.33 V
V High
x > 2.97 V
Enable function
Enable Function
output
Pin 8
Pin 5
high
data
open
data
low
no data
I.C.: Internal Connected / N.C.: Not Connected
Supply voltage
Parameter
Value
Condition
Supply voltage (Vs)
3.3 V ± 5 %
Current consumption steady state
< 6 mA
@ Vsnom & 25 °C
Additional Parameters
Parameter
Typ.
Max.
Condition
Phase Noise
-85
dBc/Hz@10Hz
-110
dBc/Hz@100Hz
-125
dBc/Hz@1000Hz
-135
dBc/Hz@10kHz
Parameter
Value
Condition
Additional information
This SMD oscillator is designed only for pick and place/reflow soldering
process. Manual soldering may damage the part and therefore not
recommended for the mounting of this oscillator.
Processing & Packing
handling&processing note
Additional environmental conditions
Vibration
IEC 60068-2-6, Test Fc
Shock
IEC 60068-2-27, Test Ea
Sealing test A
nicht dicht (not hermetically sealed)
Solderability
DIN IEC 68 T2-20 (Ta)


Similar Part No. - TX-704-0001-20M0

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TX-704-0004-20M0 VECTRON-TX-704-0004-20M0 Datasheet
321Kb / 5P
   Nominal frequency (f0)
TX-704-0007-12M800000 VECTRON-TX-704-0007-12M800000 Datasheet
319Kb / 4P
   TCXO
More results

Similar Description - TX-704-0001-20M0

ManufacturerPart #DatasheetDescription
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
   TCXO/VC-TCXO
logo
Kyocera Kinseki Corpota...
TCXO-201CA KSS-TCXO-201CA Datasheet
124Kb / 1P
   TCXO, VC-TCXO
TCXO-204C2 KSS-TCXO-204C2 Datasheet
127Kb / 1P
   TCXO, VC-TCXO
TCXO-205CA KSS-TCXO-205CA Datasheet
127Kb / 1P
   TCXO, VC-TCXO
TCXO-208C KSS-TCXO-208C Datasheet
159Kb / 1P
   TCXO, VC-TCXO
logo
ECS, Inc.
ECS-TXO-3225 ECS-ECS-TXO-3225 Datasheet
127Kb / 1P
   HCMOS TCXO/VC-TCXO
ECS-TXO-5032 ECS-ECS-TXO-5032 Datasheet
135Kb / 1P
   HCMOS TCXO/VC-TCXO
logo
Advanced Crystal Techno...
SMPT-6 ACT-SMPT-6 Datasheet
741Kb / 3P
   TCXO
08/10/2013
logo
IQD Frequency Products ...
LFTCXO075801 IQD-LFTCXO075801 Datasheet
145Kb / 2P
   TCXO
LFTCXO063715 IQD-LFTCXO063715 Datasheet
491Kb / 2P
   TCXO
logo
Vectron International, ...
TX-7040-EAE-2872-12M8 VECTRON-TX-7040-EAE-2872-12M8 Datasheet
143Kb / 5P
   TCXO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com