Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLP-60-24 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # PLP-60-24
Description  60W Single Output LED Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PLP-60-24 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  PLP-60-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PLP-60-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. PLP-60-24 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATION
MODEL
PLP-60-12
PLP-60-24
PLP-60-48
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
CURRENT ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP TIME
VOLTAGERANGE
Note.4
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERCURRENT
Note.5
SHORTCIRCUIT
OVERVOLTAGE
12V
24V
48V
18~24V
36~48V
5A
0~5A
2.5A
0~2.5A
1.3A
0~1.3A
60W
60W
62.5W
4.5Vp-p
4.5Vp-p
1.875~2.5A
4.8Vp-p
0.975~1.3A
10%
3.0%
5.0%
1000ms/230VAC20
atfullload
00ms/115VAC
90~264VAC
47~63Hz
PF
0.9at75~100%load,115VAC/230VAC
84%
88%
89%
15~18V
28~35V
57~63V
0.8A/115VAC0.4A/230VAC
42A/230VAC
<0.75mA /240VAC
Protectiontype: Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
-30~+70
(Referto"DeratingCurve")
20~95%RH non-condensing
-40~+80
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G12min./1cycle,periodfor72min.eachalongX, Y,Zaxes
583.3Khrsmin.MIL-HDBK-217F(25
)
101.6*50.8*29.6mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Derating may be needed under low input voltage. Please check the static characteristics for more details.
5. Constant current operation region is within 75% ~100% rated output voltage. This is the suitable operation region for LED related applications, but please
reconfirm special electrical requirements for some specific system design.
6. Heat sink HS1,HS2 can not be shorted.
7. Heat sink HS1 must have safety isolation distance with system case.
8. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
9. Direct connecting to LEDs is suggested, but is not suitable for using additional drivers.
0.16Kg;96pcs/16.4Kg/0.89CUFT
Universal AC input / Full range
Protections: Short circuit / Over current / Over voltage
Built-in active PFC function
Cooling by free air convection
Output current level adjustable
100% full load burn-in test
High
Suitable for built-in applications of LED lighting
2 years warranty
reliability
Features :
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
SAFETY STANDARDS
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3.75KVACI/P-FG:1.88KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
Complianceto EN55015,EN61000-3-2ClassC(
75%load);EN61000-3-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN55024,EN61547,lightindustrylevel,criteria A
3.75~5A
100~110%
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
60WSingleOutputLEDPowerSupply
P L P - 6 0 series
FileName:PLP-60-SPEC2011-08-01
CONSTANTCURRENTOPERATIONVOLTAGE Note.5 9~12V
UL8750,CAN/CSA C22.2No.250.0-08(exceptfor48V),TUVEN61347-1,EN61347-2-13approved; esignrefertoUL60950-1
d
EMCIMMUNITY
EMCEMISSION
( for 48V only)
( except for 48V )


Similar Part No. - PLP-60-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLP-60-24 MEANWELL-PLP-60-24 Datasheet
288Kb / 3P
   60W Single Output LED Power Supply
More results

Similar Description - PLP-60-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLN-60 MEANWELL-PLN-60 Datasheet
189Kb / 2P
   60W Single Output LED Power Supply
CLG-60 MEANWELL-CLG-60_12 Datasheet
245Kb / 3P
   60W Single Output LED Power Supply
PLC-60 MEANWELL-PLC-60_12 Datasheet
263Kb / 3P
   60W Single Output LED Power Supply
CLG-60 MEANWELL-CLG-60_11 Datasheet
238Kb / 3P
   60W Single Output LED Power Supply
PLC-60 MEANWELL-PLC-60 Datasheet
259Kb / 3P
   60W Single Output LED Power Supply
PLP-60 MEANWELL-PLP-60_12 Datasheet
288Kb / 3P
   60W Single Output LED Power Supply
PLN-60 MEANWELL-PLN-60_12 Datasheet
221Kb / 3P
   60W Single Output LED Power Supply
CEN-60 MEANWELL-CEN-60 Datasheet
239Kb / 3P
   60W Single Output LED Power Supply
CEN-60 MEANWELL-CEN-60_11 Datasheet
242Kb / 3P
   60W Single Output LED Power Supply
PLN-60 MEANWELL-PLN-60_11 Datasheet
221Kb / 3P
   60W Single Output LED Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com