Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLN-60-36 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # PLN-60-36
Description  60W Single Output LED Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PLN-60-36 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  PLN-60-36 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PLN-60-36 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. PLN-60-36 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MechanicalSpecification
FileName:PLN-60-SPEC2011-07-27
CaseNo.960A
Unit:mm
FG(Green/Yellow)
300 20
300 20
6.26
6.26
181
SVT 18AWG 2C
+V(Red)
-V(Black)
2-R2.5
SVT 18AWG 3C
DeratingCurve
StaticCharacteristics
AMBIENTTEMPERATURE(
)
-30
-25
-5
0
15
30
40
50
60
20
40
60
80
100
INPUTVOLTAGE(V)60Hz
90
100
125
135
145
155 165
175
180
200
230
295
100
90
80
70
60
50
40
(HORIZONTAL)
fosc:90KHz(115VAC)
120KHz(230VAC)
DETECTION
PWM&PFC
CIRCUIT
O.L.P.
EMIFILTER
RECTIFIERS
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
O.V.P.
&
O.C.P.
50
AC/L(Brown)
AC/N(Blue)
POWER
SWITCHING
90.5
T case
T case:Max.Case Temperature.
60WSingleOutputLEDPowerSupply
P L N - 6 0 series
BlockDiagram
SVR1
SVR2
Outputvoltageandcurrentadjustment:removetheuppercaseandadjustthroughSVR1&SVR2
showninthediagram.
Outputvoltageadjustment
Outputcurrentadjustment
SVR1
SVR2


Similar Part No. - PLN-60-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLN-60-36 MEANWELL-PLN-60-36 Datasheet
189Kb / 2P
   60W Single Output LED Power Supply
PLN-60-36 MEANWELL-PLN-60-36 Datasheet
221Kb / 3P
   60W Single Output LED Power Supply
More results

Similar Description - PLN-60-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLP-60 MEANWELL-PLP-60 Datasheet
288Kb / 3P
   60W Single Output LED Power Supply
PLN-60 MEANWELL-PLN-60 Datasheet
189Kb / 2P
   60W Single Output LED Power Supply
CLG-60 MEANWELL-CLG-60_12 Datasheet
245Kb / 3P
   60W Single Output LED Power Supply
PLC-60 MEANWELL-PLC-60_12 Datasheet
263Kb / 3P
   60W Single Output LED Power Supply
CLG-60 MEANWELL-CLG-60_11 Datasheet
238Kb / 3P
   60W Single Output LED Power Supply
PLC-60 MEANWELL-PLC-60 Datasheet
259Kb / 3P
   60W Single Output LED Power Supply
PLP-60 MEANWELL-PLP-60_12 Datasheet
288Kb / 3P
   60W Single Output LED Power Supply
PLN-60 MEANWELL-PLN-60_12 Datasheet
221Kb / 3P
   60W Single Output LED Power Supply
CEN-60 MEANWELL-CEN-60 Datasheet
239Kb / 3P
   60W Single Output LED Power Supply
CEN-60 MEANWELL-CEN-60_11 Datasheet
242Kb / 3P
   60W Single Output LED Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com