Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWL6040 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TWL6040
Description  8-CHANNEL HIGH_QUALITY LOW-POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TWL6040 Datasheet(HTML) 5 Page - Texas Instruments

  TWL6040 Datasheet HTML 1Page - Texas Instruments TWL6040 Datasheet HTML 2Page - Texas Instruments TWL6040 Datasheet HTML 3Page - Texas Instruments TWL6040 Datasheet HTML 4Page - Texas Instruments TWL6040 Datasheet HTML 5Page - Texas Instruments TWL6040 Datasheet HTML 6Page - Texas Instruments TWL6040 Datasheet HTML 7Page - Texas Instruments TWL6040 Datasheet HTML 8Page - Texas Instruments TWL6040 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
TWL6040
www.ti.com
SWCS044H
– NOVEMBER 2009 – REVISED JULY 2011
Table 2. Terminal Functions (continued)
NAME
BALL
TYPE
I/O(1)
DESCRIPTION
Positive Supplies
VDDVREF
H5
Power
I
Reference system supply
VDDLDO
D1
Power
O
High-side LDO output
VDDEAR
B11
Power
I
Earphone positive supply
VDDHS
J10
Power
I
Headset positive supply
VDDUL
G2
Power
I
Uplink codec positive supply
VDDDL
E9
Power
I
Downlink codec positive supply
VDDPLL
J7
Power
I
PLL positive supply
VDDHFL1
A3
Power
I
Hands-free left positive supply
VDDHFL2
A6
Power
I
Hands-free left positive supply
VDDHFR1
A7
Power
I
Hands-free right positive supply
VDDHFR2
A10
Power
I
Hands-free right positive supply
VDDVIBL
C2
Power
I
Vibrator positive supply
VDDVIBR
B2
Power
I
Vibrator positive supply
VDDAMBIAS
L2
Power
I
Analog microphone bias supply
VDDDMBIAS
K4
Power
I
Digital microphone bias supply
VDDREGNCP
H11
Power
I
Negative charge pump positive
supply
VDDV2V1
E2
Power
I
Preregulated main positive supply
VDDVIO
L9
Power
I
Interface I/O supply
Negative Supplies
CFLYN
F11
Power
O
Flying capacitor negative terminal
CFLYP
G11
Power
O
Flying capacitor positive terminal
NCPOUT1
E10
Power
O
Negative charge pump output
NCPOUT2
E11
Power
O
Negative charge pump output
NCPFB
G9
Power
I
Negative SMPS feedback
VSSLDOIN
D11
Power
I
Low-side LDO input supply
VSSLDO
D10
Power
O
Low-side LDO output
VSSEAR
C10
Power
I
Earphone negative supply
VSSHS
H10
Power
I
Headset negative supply
VSSUL
G1
Power
I
Uplink negative supply
VSSDL
F9
Power
I
Downlink negative supply
VSSPLL
L7
Power
I
PLL negative supply
Ground
GN DREF
K5
Ground
I
Bandgap reference ground
GNDHS
H9
Ground
I
Headset sense input
GNDAMIC
H3
Ground
I
Analog microphone ground
GNDDMIC
L3
Ground
I
Digital microphone and accessory
ground
GNDLDO1
E3
Ground
I
HS and LS LDO ground
GNDLDO2
D9
Ground
I
HS and LS LDO ground
GNDVCM
J1
Ground
I
Codec ground
GNDNCP1
F10
Ground
I
Negative charge pump ground
GNDNCP2
G10
Ground
I
Negative charge pump ground
GNDHFL1
C5
Ground
I
Hands-free left driver ground
GNDHFL2
C4
Ground
I
Hands-free left driver ground
GNDHFL3
C6
Ground
I
Hands-free left driver ground
GNDHFR1
C7
Ground
I
Hands-free right driver ground
Copyright
© 2009–2011, Texas Instruments Incorporated
5


Similar Part No. - TWL6040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL6040 TI-TWL6040 Datasheet
152Kb / 9P
[Old version datasheet]   Four audio digital-to-analog (DAC) channels, Stereo 8 廓, 1.5 W per channel speaker drivers
TWL6040 TI1-TWL6040 Datasheet
724Kb / 12P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
TWL6040 TI-TWL6040 Datasheet
749Kb / 12P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
REVISED AUGUST 2014
TWL6040 TI-TWL6040 Datasheet
458Kb / 15P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
REVISED AUGUST 2014
TWL6040A2 TI1-TWL6040A2 Datasheet
724Kb / 12P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
More results

Similar Description - TWL6040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL6041 TI1-TWL6041 Datasheet
417Kb / 9P
[Old version datasheet]   8-CHANNEL HIGH_QUALITY LOW-POWER AUDIO CODEC
TWL6041 TI1-TWL6041_14 Datasheet
684Kb / 12P
[Old version datasheet]   8-Channel Low-Power Audio Codec for Portable Applications
TWL6040 TI1-TWL6040_16 Datasheet
724Kb / 12P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
TWL6040 TI-TWL6040_V02 Datasheet
458Kb / 15P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
REVISED AUGUST 2014
TWL6040 TI-TWL6040_V01 Datasheet
749Kb / 12P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
REVISED AUGUST 2014
logo
Wolfson Microelectronic...
WM9711 WOLFSON-WM9711 Datasheet
645Kb / 66P
   LOW POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
WM9711 WOLFSON-WM9711_06 Datasheet
607Kb / 65P
   Low Power Audio CODEC for Portable Applications
WM8903 WOLFSON-WM8903 Datasheet
1Mb / 178P
   Ultra Low Power CODEC for Portable Audio Applications
logo
Cirrus Logic
WM8904 CIRRUS-WM8904 Datasheet
3Mb / 184P
   Ultra Low-Power Codec for Portable Audio Applications
logo
Wolfson Microelectronic...
WM8904 WOLFSON-WM8904 Datasheet
1Mb / 188P
   Ultra Low Power CODEC for Portable Audio Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com