Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB-1000 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # PB-1000
Description  1000W Intelligent Single Output Battery Charger
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PB-1000 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  PB-1000 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PB-1000 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. PB-1000 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. PB-1000 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. PB-1000 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BetweenRC+(pin10)andRC-(pin9)
SWOpen
SWShort
Charger
ON
OFF
ThechargercanbeturnedON/OFFbyusingthe
Thechargermaybehookeduptwobatterybanks(A and/orB).Connectthebatterybank(s)asbelow.Ifyouareconnecting2batterybanksinthe
sametime,keepinmindthattheymustshareacommonground.
"RemoteControl"function.
SW
9
10
CN100
RY13
RY14
RY15
GND
RC-
RY13
RY14
RY15
RTH
RC+
1
2
FileName:PB-1000-SPEC2011-01-18
PB-1000 series
FunctionManual
1.RemoteControl
2.TwoBatteryBanks
A
A
A
B
B
B
Stage8/3/2
Stage8/3/2
Stage8/3/2
+
+
+
+
Battery A
BatteryB
Battery A
BatteryB
-
-
-
-
A
B
Stage8/3/2
+
+
Battery A
BatteryB
-
-
1000WIntelligentSingleOutputBatteryCharger
A
A
A
A
B
B
B
B
1
1
1
1
2
2
2
2
3
3
3
3
4
4
4
4
5
5
5
5
6
6
6
6
7
7
7
7
8
8
8
8
9
9
9
9
1
1
1
1
0
0
0
0
FunctionDescriptionofCN100
PinNo. Function Description
1,2
3,4
5,6
7,8
9,10
RY13
Relaycontactrating(max.):30V/1A resistive.;"Short"whenthebattery A isfull, "Open"whenthebattery A isstillcharging.
Relaycontactrating(max.):30V/1A resistive.;"Short"whenthebatteryBisfull, "Open"whenthebatteryBisstillcharging.
Relaycontactrating(max.):30V/1A resistive.;"Short"whentheunitisworkingproperly, "Open"whentheunitisfailureor
Temperaturesensorcomesalongwiththechargercanbeconnectedtotheunittoallow temperaturecompensationofthe
Turntheoutputonandoffbyelectricalordrycontactbetweenpin10(RC+)andpin9(RC-),"Open":Normalwork,
"Short":Stopcharging
theprotectionfunctionisactivating.
chargingvoltage.
Ifthetemperaturesensorisnotused,thechargerstillworksnormally.
RY14
RY15
GND/RTH
RC-/RC+


Similar Part No. - PB-1000

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PB-1000 MEANWELL-PB-1000 Datasheet
490Kb / 5P
   1000W Intelligent Single Output Battery Charger
PB-1000-12 MEANWELL-PB-1000-12 Datasheet
490Kb / 5P
   1000W Intelligent Single Output Battery Charger
PB-1000-24 MEANWELL-PB-1000-24 Datasheet
490Kb / 5P
   1000W Intelligent Single Output Battery Charger
PB-1000-48 MEANWELL-PB-1000-48 Datasheet
490Kb / 5P
   1000W Intelligent Single Output Battery Charger
More results

Similar Description - PB-1000

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PB-1000 MEANWELL-PB-1000 Datasheet
490Kb / 5P
   1000W Intelligent Single Output Battery Charger
RPB-1600 MEANWELL-RPB-1600 Datasheet
336Kb / 8P
   1600W Intelligent Single Output Battery Charger
DBU-3200 MEANWELL-DBU-3200 Datasheet
338Kb / 8P
   3200W Intelligent Single Output Battery Charger
logo
Total Power Internation...
GC-120 TOTAL-POWER-GC-120 Datasheet
140Kb / 2P
   120W Single Output Battery Charger
GC-220 TOTAL-POWER-GC-220 Datasheet
179Kb / 2P
   220W Single Output Battery Charger
GC-160 TOTAL-POWER-GC-160 Datasheet
139Kb / 2P
   160W Single Output Battery Charger
logo
Mean Well Enterprises C...
PB-600 MEANWELL-PB-600 Datasheet
442Kb / 5P
   600W Single Output Battery Charger
PB-360 MEANWELL-PB-360 Datasheet
292Kb / 2P
   360W Single Output Battery Charger
GC220 MEANWELL-GC220_11 Datasheet
179Kb / 2P
   220W Single Output Battery Charger
GC120 MEANWELL-GC120_11 Datasheet
142Kb / 2P
   120W Single Output Battery Charger
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com