Electronic Components Datasheet Search |
|
SMAU1D Datasheet(PDF) 1 Page - KEC(Korea Electronics) |
|
SMAU1D Datasheet(HTML) 1 Page - KEC(Korea Electronics) |
1 / 2 page 2004. 3. 25 1/2 SEMICONDUCTOR TECHNICAL DATA SMAU1D ULTRA FAST RECOVERY RECTIFIER DIODE Revision No : 4 SWITCHING TYPE POWER SUPPLY APPLICATIONS. FEATURES Ultra-Fast Recovery Time for High Efficiency. Low Profile Surface Mount Package. Low Forward Voltage Drop, High current Capability, and Low Power Loss. APPLICATION Switching Power Supply. DC/DC Converter. Home Appliances, Office Equipment. Telecommunication, Factory Automation. MAXIMUM RATING (Ta=25 ) SMA DIM MILLIMETERS A B C D E F G 4.5 0.2 2.6 0.2 1.5 0.2 5.0 0.3 1.2 0.3 2.0 0.2 0 ~ 0.15 H R 0.5 B C H 1 2 G +_ +_ +_ +_ +_ I 1.0 0.1 +_ +_ 1. ANODE 2. CATHODE ELECTRICAL CHARACTERISTICS (Ta=25 ) Type Name Marking U 1 D Lot No. CHARACTERISTIC SYMBOL TEST CONDITION MIN. TYP. MAX. UNIT Peak Forward Voltage VFM IFM=1.0A - - 0.98 V Repetitive Peak Reverse Current IRRM VRRM=Rated - - 1 A Reverse Recovery Time trr IF=100mA, IR=200mA - - 35 ns Thermal Resistance Rth(j-1) Junction to lead - - 23 /W Rth(j-a) Junction to ambient (on alumina substrate) - - 108 /W CHARACTERISTIC SYMBOL RATING UNIT Maximum Repetitive Peak Reverse Voltage VRRM 200 V Average Output Rectitifed Current IO 1 A Peak One Cycle Surge Forward Current (Non-Repetitive 60Hz) IFSM 33 A Junction Temperature Tj -40 150 Storage Temperature Range Tstg -40 150 |
Similar Part No. - SMAU1D |
|
Similar Description - SMAU1D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |