Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF85103C-2 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF85103C-2
Description  256 x 8-bit CMOS EEPROM with I2C-bus interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF85103C-2 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF85103C-2 Datasheet HTML 1Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 2Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 3Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 4Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 5Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 6Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 7Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 8Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Philips Semiconductors
PCF85103C-2
256
× 8-bit CMOS EEPROM with I2C-bus interface
Product data
Rev. 04 — 22 October 2004
2 of 20
9397 750 14218
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
s ESD protection exceeds 2000 V HBM per JESD22-A114, 150 V MM per
JESD22-A115, and 1000 V CDM per JESD22-C101
s Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
s Offered in DIP8 and SO8 packages.
3.
Quick reference data
4.
Ordering information
4.1 Ordering options
Table 1:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
2.5
-
6.0
V
IDDR
supply current read
fSCL = 100 kHz
VDD = 2.5 V
-
-
60
µA
VDD =6V
-
-
200
µA
IDDW
supply current E/W
fSCL = 100 kHz
VDD = 2.5 V
-
-
0.6
mA
VDD = 6 V
-
-
2.0
mA
IDD(stb)
standby supply current
VDD = 2.5 V
-
-
3.5
µA
VDD =6V
-
-
10
µA
Table 2:
Ordering information
Type number
Package
Name
Description
Version
PCF85103C-2P/00
DIP8
plastic dual in-line package; 8 leads (300 mil)
SOT97-1
PCF85103C-2T/00
SO8
plastic small outline package 8 leads (straight);
body width 3.9 mm
SOT96-1
Table 3:
Ordering options
Type number
Topside mark
PCF85103C-2P/00
PCF85103C2
PCF85103C-2T/00
85103C2


Similar Part No. - PCF85103C-2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF85103C-2 PHILIPS-PCF85103C-2 Datasheet
99Kb / 20P
   256 x 8-bit CMOS EEPROMs with I2C-bus interface
2000 Feb 15
PCF85103C-2 PHILIPS-PCF85103C-2 Datasheet
346Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 02-09 May 2002
PCF85103C-2P PHILIPS-PCF85103C-2P Datasheet
99Kb / 20P
   256 x 8-bit CMOS EEPROMs with I2C-bus interface
2000 Feb 15
PCF85103C-2P PHILIPS-PCF85103C-2P Datasheet
346Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 02-09 May 2002
PCF85103C-2T PHILIPS-PCF85103C-2T Datasheet
99Kb / 20P
   256 x 8-bit CMOS EEPROMs with I2C-bus interface
2000 Feb 15
More results

Similar Description - PCF85103C-2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF85103C-2 PHILIPS-PCF85103C-2 Datasheet
346Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 02-09 May 2002
PCF8582C-2 PHILIPS-PCF8582C-2_04 Datasheet
127Kb / 21P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF85102C-2 PHILIPS-PCF85102C-2_04 Datasheet
120Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
PCX8582X-2 PHILIPS-PCX8582X-2 Datasheet
156Kb / 20P
   256 x 8-bit CMOS EEPROMS with I2C-bus interface
December 1994
PCF85102C-2 PHILIPS-PCF85102C-2 Datasheet
99Kb / 20P
   256 x 8-bit CMOS EEPROMs with I2C-bus interface
2000 Feb 15
logo
Integral Corp.
INF8594E INTEGRAL-INF8594E Datasheet
98Kb / 2P
   512 x 8-Bit CMOS EEPROM with I2C-Bus Interface
logo
NXP Semiconductors
PCF8594C-2 PHILIPS-PCF8594C-2 Datasheet
394Kb / 21P
   512 X 8-bit CMOS EEPROM with I2C-bus interface
Rev. 05-25 October 2004
PCF85116-3 PHILIPS-PCF85116-3 Datasheet
164Kb / 21P
   2048 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCA8581 PHILIPS-PCA8581 Datasheet
131Kb / 20P
   128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
PCA8581C PHILIPS-PCA8581C Datasheet
107Kb / 20P
   128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com