Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF85102C-2 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF85102C-2
Description  256 x 8-bit CMOS EEPROM with I2C-bus interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF85102C-2 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF85102C-2 Datasheet HTML 7Page - NXP Semiconductors PCF85102C-2 Datasheet HTML 8Page - NXP Semiconductors PCF85102C-2 Datasheet HTML 9Page - NXP Semiconductors PCF85102C-2 Datasheet HTML 10Page - NXP Semiconductors PCF85102C-2 Datasheet HTML 11Page - NXP Semiconductors PCF85102C-2 Datasheet HTML 12Page - NXP Semiconductors PCF85102C-2 Datasheet HTML 13Page - NXP Semiconductors PCF85102C-2 Datasheet HTML 14Page - NXP Semiconductors PCF85102C-2 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Philips Semiconductors
PCF85102C-2
256
× 8-bit CMOS EEPROM with I2C-bus interface
Product data
Rev. 04 — 22 October 2004
11 of 20
9397 750 14216
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
11. I2C-bus characteristics
[1]
The hold time required (not greater than 300 ns) to bridge the undefined region of the falling edge of SCL must be internally provided by
a transmitter.
Table 8:
I2C-bus characteristics
All of the timing values are valid within the operating supply voltage and ambient temperature range and refer to VIL and VIH
with an input voltage swing from VSS to VDD; see Figure 9.
Symbol
Parameter
Conditions
Min
Max
Unit
fSCL
clock frequency
0
100
kHz
tBUF
bus free time between a STOP and
START condition
4.7
−µs
tHD;STA
START condition hold time after
which first clock pulse is generated
4.0
−µs
tLOW
LOW level clock period
4.7
−µs
tHIGH
HIGH level clock period
4.0
−µs
tSU;STA
set-up time for START condition
repeated start
4.7
−µs
tHD;DAT
data hold time
for bus compatible masters
5
−µs
for bus devices
[1]
0
ns
tSU;DAT
data set-up time
250
ns
tr
SDA and SCL rise time
1
µs
tf
SDA and SCL fall time
300
ns
tSU;STO
set-up time for STOP condition
4.0
−µs
P = STOP condition; S = START condition.
Fig 9.
Timing requirements for the I2C-bus.
MBA705
t BUF
HD;STA
t
SCL
SDA
P
S
t LOW
t r
HD;DAT
t
SU;DAT
t
t f
t HIGH
S
HD;STA
t
SU;STA
t
SU;STO
t
P


Similar Part No. - PCF85102C-2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF85102C-2 PHILIPS-PCF85102C-2 Datasheet
99Kb / 20P
   256 x 8-bit CMOS EEPROMs with I2C-bus interface
2000 Feb 15
PCF85102C-2P PHILIPS-PCF85102C-2P Datasheet
99Kb / 20P
   256 x 8-bit CMOS EEPROMs with I2C-bus interface
2000 Feb 15
PCF85102C-2T PHILIPS-PCF85102C-2T Datasheet
99Kb / 20P
   256 x 8-bit CMOS EEPROMs with I2C-bus interface
2000 Feb 15
More results

Similar Description - PCF85102C-2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF85103C-2 PHILIPS-PCF85103C-2 Datasheet
346Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 02-09 May 2002
PCF8582C-2 PHILIPS-PCF8582C-2_04 Datasheet
127Kb / 21P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF85103C-2 PHILIPS-PCF85103C-2_04 Datasheet
120Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
PCX8582X-2 PHILIPS-PCX8582X-2 Datasheet
156Kb / 20P
   256 x 8-bit CMOS EEPROMS with I2C-bus interface
December 1994
PCF85102C-2 PHILIPS-PCF85102C-2 Datasheet
99Kb / 20P
   256 x 8-bit CMOS EEPROMs with I2C-bus interface
2000 Feb 15
logo
Integral Corp.
INF8594E INTEGRAL-INF8594E Datasheet
98Kb / 2P
   512 x 8-Bit CMOS EEPROM with I2C-Bus Interface
logo
NXP Semiconductors
PCF8594C-2 PHILIPS-PCF8594C-2 Datasheet
394Kb / 21P
   512 X 8-bit CMOS EEPROM with I2C-bus interface
Rev. 05-25 October 2004
PCF85116-3 PHILIPS-PCF85116-3 Datasheet
164Kb / 21P
   2048 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCA8581 PHILIPS-PCA8581 Datasheet
131Kb / 20P
   128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
PCA8581C PHILIPS-PCA8581C Datasheet
107Kb / 20P
   128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com