Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSD10-12S12 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # NSD10-12S12
Description  10W DC-DC Regulated Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NSD10-12S12 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  NSD10-12S12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NSD10-12S12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
NSD10-12S3 NSD10-12S5
NSD10-48S5
NSD10-12S9
NSD10-48S9
NSD10-12S12
NSD10-48S12
NSD10-12S15
NSD10-48S15
NSD10-48S3
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
LINEREGULATION
LOADREGULATION
VOLTAGERANGE
EFFICIENCY (Typ.)
INPUT
SAFETY STANDARDS
WORKINGTEMP.
ON/OFFCONTROL
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE(CLAMP)
DCCURRENT
3.3V
5V
5V
9V
9V
12V
12V
15V
15V
3.3V
2.5A
2A
2A
1.1A
1.1A
0.83A
0.83A
0.67A
0.67A
2.5A
0.12~2.5A 0.1~2A
0.1~2A
0.05~1.1A
0.05~1.1A
0.04~0.83A
0.04~0.83A
0.03~0.67A
0.03~0.67A
0.12~2.5A
8.25W
10W
10W
9.9W
9.9W
9.96W
9.96W
10.05W
10.05W
8.25W
75mVp-p
2.0%max.
1.0%
2.0%
72%
1.0%
75%
1.0%
78%
1.0%
79%
1.0%
80%
2.0%
74%
1.0%
77%
1.0%
78%
1.0%
79%
1.0%
80%
9.8~36VDC
22~72VDC
48VDC
1.4A/12VDC
0.4A/48VDC
Above105% ratedoutputpower
Recoversautomaticallyafterfaultconditionisremoved
-25~+70
Logic"1"OPEN:ONlogic"0"GND:OFF
0%~95%RHmax.
-40~+85
,0~95%RH
0.03%/
(0~60
2138.2Khrsmin.MIL-HDBK-217F(25
)
50.8*25.4*10mm(2"*1"*0.394")(L*W*H)
0.02Kg;300pcs/7Kg/0.97CUFT
1. All parameters NOT specially mentioned are measured at 12, 48VDC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Short circuit not more than 60 seconds.
5. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
6.
7. EMC filter suggestion:
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
To insure proper operation, a 220uF/100V electrolytic capacitor with Esr <1
must be added to the input line.
FileName:NSD10-S-SPEC2010-10-18
10WDC-DCRegulatedSingleOutput
Wide 4:1 DC input range
Protections: Short circuit / Overload / Over voltage
1000VDC I/O isolation
Built-in EMI filter
Cooling by free air convection
Built-in remote ON-OFF control
100% full load burn-in test
Low cost
High reliability
2 years warranty
Features :
N S D 1 0 - S series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ISOLATIONVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:1KVDC
I/P-O/P:100MOhms/500VDC /25
/70%RH
ENVIRONMENT
PROTECTION
FUNCTION
RATEDDCINPUT
12VDC
SHORTCIRCUIT
Note.4
SHUTDOWNIDLECURRENT
20mA/12VDC
3.8~4.95V
3.8~4.95V
5.75~7.5V
5.75~7.5V
10.4~13.5V
10.4~13.5V
13.8~18V
13.8~18V
17.3~22.5V
17.3~22.5V
Protectiontype:Overpowerlimiting,recoversautomaticallyafterfaultconditionisremoved
EMICONDUCTION&RADIATION
EMSIMMUNITY
CompliancetoEN55022(CISPR22)ClassB
CompliancetoEN61000-4-2,3,4,6,8;EN55024,lightindustrylevel,criteria A
SAFETY &
EMC
(Note5)
UL60950-1approved, Designreferto TUVEN60950-1
PSU
+
-
Vin
+
-
Vo
80uH
680uF
+
CAPACITIVELOAD(max.)
3300uF


Similar Part No. - NSD10-12S12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NSD10-12S12 MEANWELL-NSD10-12S12 Datasheet
590Kb / 2P
   10W DC-DCRegulated Single Output
NSD10-12S12 MEANWELL-NSD10-12S12 Datasheet
212Kb / 2P
   10W DC-DC Regulated Single Output
More results

Similar Description - NSD10-12S12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NSD10-S MEANWELL-NSD10-S_11 Datasheet
212Kb / 2P
   10W DC-DC Regulated Single Output
SKE10 MEANWELL-SKE10 Datasheet
179Kb / 1P
   10W DC-DC Regulated Single Output Converter
NSD10-D MEANWELL-NSD10-D Datasheet
572Kb / 2P
   10W DC-DC Regulated Dual Output
NSD10-D MEANWELL-NSD10-D_11 Datasheet
246Kb / 2P
   10W DC-DC Regulated Dual Output
NSD10-D MEANWELL-NSD10-D_10 Datasheet
246Kb / 2P
   10W DC-DC Regulated Dual Output
DKE10 MEANWELL-DKE10 Datasheet
184Kb / 1P
   10W DC-DC Regulated Dual Output Converter
logo
Microdc power Technolog...
10A-ZMD MICRODC-10A-ZMD Datasheet
434Kb / 3P
   10W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
VRB1203S-10WR3 MORNSUN-VRB1203S-10WR3 Datasheet
877Kb / 5P
   10W, wide input, isolated & regulated single output, SIP package, DC-DC converter
VRB1205YMD-10WR3 MORNSUN-VRB1205YMD-10WR3 Datasheet
1Mb / 6P
   10W,wide input isolated & regulated single output, DIP packaging, DC-DC converter
URE2405LP-10WR3 MORNSUN-URE2405LP-10WR3 Datasheet
2Mb / 6P
   10W, Ultra wide input isolated & regulated dual/single Output,DC-DC converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com