Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSD05-12S12 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # NSD05-12S12
Description  5W DC-DC Regulated Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NSD05-12S12 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  NSD05-12S12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NSD05-12S12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
CAPACITIVELOAD(max.)
OUTPUT
LINEREGULATION
LOADREGULATION
VOLTAGERANGE
EFFICIENCY (Typ.)
INPUT
WORKINGTEMP.
ON/OFFCONTROL
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE(CLAMP)
DCCURRENT
3.3V
5V
5V
12V
12V
15V
15V
3.3V
1.2A
1A
1A
0.42A
0.42A
0.33A
0.33A
1.2A
3.96W
1000uF
0~1.2A
5W
1000uF
0~1A
5W
1000uF
0~1A
5.04W
120uF
0~0.42A
5.04W
120uF
0~0.42A
4.95W
120uF
0~0.33A
4.95W
120uF
0~0.33A
3.96W
1000uF
0~1.2A
75mVp-p
2.0%max.
1.0%
2.0%
72%
1.0%
76%
1.0%
82%
1.0%
83%
2.0%
75%
1.0%
78%
1.0%
83%
1.0%
85%
9.2~36VDC
18~72VDC
48VDC
0.7A/12VDC
0.2A/48VDC
5mA/48VDC
Above105% ratedoutputpower
Recoversautomaticallyafterfaultconditionisremoved
-25~+70
Logic"1"oropencircuit:ON
Logic"0"orshorttoPIN2:OFF
0%~95%RHmax.
-40~+85
,0~95%RH
0.03%/
(0~60
914.4Khrsmin.MIL-HDBK-217F(25
)
40.6*
mm(
1"*0.327")(L*W*H)
25.4*8.3
1.6"*
0.007Kg;700pcs/5.9Kg/0.97CUFT
1. All parameters NOT specially mentioned are measured at 12, 48VDC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5.
6.EMC filter suggestion(TBD):
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
To insure proper operation, a 47uF/100V electrolytic capacitor with Esr <1
must be added to the input line.
FileName:NSD05-S-SPEC2010-10-18
5WDC-DCRegulatedSingleOutput
Wide 4:1 DC input range
Protections: Short circuit / Overload / Over voltage
1000VDC I/O isolation
Cooling by free air convection
Built-in remote ON-OFF control
100% full load burn-in test
Low cost
High reliability
2 years warranty
Features :
N S D 0 5 - S series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ISOLATIONVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:1KVDC
I/P-O/P:100MOhms/500VDC /25
/70%RH
ENVIRONMENT
PROTECTION
FUNCTION
RATEDDCINPUT
12VDC
SHORTCIRCUIT
SHUTDOWNIDLECURRENT
5mA/12VDC
3.8~4.6V
3.8~4.6V
5.6~6.8V
5.6~6.8V
13.5~16.5V
16.2~19.8V
13.5~16.5V
16.2~19.8V
Protectiontype:Overpowerlimiting,recoversautomaticallyafterfaultconditionisremoved
EMICONDUCTION&RADIATION
EMSIMMUNITY
CompliancetoEN55022(CISPR22)ClassB
CompliancetoEN61000-4-2,3,4,5,6,8;EN55024,lightindustrylevel,criteria A
SAFETY &
EMC
(Note4)
PSU
+
-
Vin
+
-
Vo
5.5uH
680uF
+
NSD05-12S3
NSD05-12S5
NSD05-12S12 NSD05-12S15 NSD05-48S3
NSD05-48S5
NSD05-48S12 NSD05-48S15
SAFETY STANDARDS
IEC60950-1CBapprovedby TUV


Similar Part No. - NSD05-12S12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NSD05-12S12 MEANWELL-NSD05-12S12 Datasheet
265Kb / 2P
   5W DC-DC Regulated Single Output
NSD05-12S12 MEANWELL-NSD05-12S12 Datasheet
267Kb / 2P
   5W DC-DC Regulated Single Output
More results

Similar Description - NSD05-12S12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NSD05-S MEANWELL-NSD05-S Datasheet
265Kb / 2P
   5W DC-DC Regulated Single Output
NSD05-S MEANWELL-NSD05-S_11 Datasheet
267Kb / 2P
   5W DC-DC Regulated Single Output
SCW05-SPEC MEANWELL-SCW05-SPEC Datasheet
160Kb / 1P
   5W DC-DC Regulated Single Output Converter
SLW05 MEANWELL-SLW05 Datasheet
185Kb / 1P
   5W DC-DC Regulated Single Output Converter
SCW05 MEANWELL-SCW05_11 Datasheet
162Kb / 1P
   5W DC-DC Regulated Single Output Converter
SPB05 MEANWELL-SPB05 Datasheet
61Kb / 1P
   5W DC-DC Regulated Single Output Converter
logo
Murata Manufacturing Co...
NMXD0515SOC MURATA-NMXD0515SOC Datasheet
179Kb / 3P
   Isolated 5W Regulated Single & Dual Output DC/DC Converters
logo
Mean Well Enterprises C...
DLW05 MEANWELL-DLW05 Datasheet
187Kb / 1P
   5W DC-DC Regulated Dual Output Converter
DCW05 MEANWELL-DCW05 Datasheet
191Kb / 1P
   5W DC-DC Regulated Dual Output Converter
PSD-05-SPEC MEANWELL-PSD-05-SPEC Datasheet
287Kb / 2P
   5W Single Output DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com