Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF8582C-2 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF8582C-2
Description  256 x 8-bit CMOS EEPROM with I2C-bus interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8582C-2 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF8582C-2 Datasheet HTML 1Page - NXP Semiconductors PCF8582C-2 Datasheet HTML 2Page - NXP Semiconductors PCF8582C-2 Datasheet HTML 3Page - NXP Semiconductors PCF8582C-2 Datasheet HTML 4Page - NXP Semiconductors PCF8582C-2 Datasheet HTML 5Page - NXP Semiconductors PCF8582C-2 Datasheet HTML 6Page - NXP Semiconductors PCF8582C-2 Datasheet HTML 7Page - NXP Semiconductors PCF8582C-2 Datasheet HTML 8Page - NXP Semiconductors PCF8582C-2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Philips Semiconductors
PCF8582C-2
256
× 8-bit CMOS EEPROM with I2C-bus interface
Product data
Rev. 04 — 25 October 2004
4 of 21
9397 750 14222
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Device addressing
[1]
The Most Significant Bit (MSB) ‘b7’ is sent first.
A2, A1, A0 are hardware selectable pins.
A system could have up to eight PCF8582C-2 devices on the same I2C-bus,
equivalent to a 16 kbit EEPROM or 8 pages of 256 bytes of memory.
The eight addresses are defined by the state of the A0, A1, A2 inputs (logic level ‘1’
when connected to VDD, logic level ‘0’ when connected to GND). Figure 3 shows the
various address combinations.
Fig 2.
Pin configuration.
1
2
3
4
8
7
6
5
A0
A1
A2
VSS
SDA
SCL
PTC
VDD
PCF8582C-2
MGD928
Table 4:
Pin description
Symbol
Pin
Description
A0
1
address input 0
A1
2
address input 1
A2
3
address input 2
VSS
4
negative supply voltage
SDA
5
serial data input/output (I2C-bus)
SCL
6
serial clock input (I2C-bus)
PTC
7
programming time control output
VDD
8
positive supply voltage
Table 5:
Device address code
Selection
Device code
Chip Enable
R/W
Bit
b7[1]
b6
b5
b4
b3
b2
b1
b0
Device
1
0
1
0
A2
A1
A0
R/W


Similar Part No. - PCF8582C-2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8582C-2 PHILIPS-PCF8582C-2 Datasheet
156Kb / 20P
   256 x 8-bit CMOS EEPROMS with I2C-bus interface
December 1994
logo
Integrated Circuit Syst...
PCF8582C-2P ICST-PCF8582C-2P Datasheet
179Kb / 24P
   PCF85xxC-2 family 256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
logo
NXP Semiconductors
PCF8582C-2P PHILIPS-PCF8582C-2P Datasheet
179Kb / 24P
   256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
1997 Feb 13
PCF8582C-2P PHILIPS-PCF8582C-2P Datasheet
156Kb / 20P
   256 x 8-bit CMOS EEPROMS with I2C-bus interface
December 1994
logo
Integrated Circuit Syst...
PCF8582C-2T ICST-PCF8582C-2T Datasheet
179Kb / 24P
   PCF85xxC-2 family 256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
More results

Similar Description - PCF8582C-2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF85103C-2 PHILIPS-PCF85103C-2 Datasheet
346Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 02-09 May 2002
PCF85103C-2 PHILIPS-PCF85103C-2_04 Datasheet
120Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
PCF85102C-2 PHILIPS-PCF85102C-2_04 Datasheet
120Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
PCX8582X-2 PHILIPS-PCX8582X-2 Datasheet
156Kb / 20P
   256 x 8-bit CMOS EEPROMS with I2C-bus interface
December 1994
PCF85102C-2 PHILIPS-PCF85102C-2 Datasheet
99Kb / 20P
   256 x 8-bit CMOS EEPROMs with I2C-bus interface
2000 Feb 15
logo
Integral Corp.
INF8594E INTEGRAL-INF8594E Datasheet
98Kb / 2P
   512 x 8-Bit CMOS EEPROM with I2C-Bus Interface
logo
NXP Semiconductors
PCF8594C-2 PHILIPS-PCF8594C-2 Datasheet
394Kb / 21P
   512 X 8-bit CMOS EEPROM with I2C-bus interface
Rev. 05-25 October 2004
PCF85116-3 PHILIPS-PCF85116-3 Datasheet
164Kb / 21P
   2048 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCA8581 PHILIPS-PCA8581 Datasheet
131Kb / 20P
   128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
PCA8581C PHILIPS-PCA8581C Datasheet
107Kb / 20P
   128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com