Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NED-35 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # NED-35
Description  35W Dual Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NED-35 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  NED-35_10 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NED-35_10 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
FileName:NED-35-SPEC2010-10-18
TerminalPinNo. Assignment
PinNo.
PinNo.
1
2
5
3
4
6
7
Assignment
Assignment
DCOUTPUT +V2
DCOUTPUT COM
DCOUTPUT +V1
FG
DCOUTPUT COM
AC/L
AC/N
BlockDiagram
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCHING
FILTER
FILTER
&
&
RECTIFIERS
RECTIFIERS
+V1
V2
COM
I/P
FG
CONTROL
O.V.P.
OutputDeratingVSInputVoltage
INPUTVOLTAGE(VAC)60Hz
85
100
95
120
115
160
140
200
180
240
220
264
Ta=25
90
100
80
70
60
50
40
CaseNo.905Unit:mm
5.5
74
18
6.5
87
99
89
4.5
55
20.5
3.5
3.5
3.5
2-M
3
+V ADJ.
fosc:60KHz
1
2
3
4
5
6
7
(HORIZONTAL)
DeratingCurve
35WDualOutputSwitchingPowerSupply
N E D - 3 5 series
AMBIENTTEMPERATURE(
)
-20
0
20
10
30
40
20
40
80
60
100
60
50
70


Similar Part No. - NED-35_10

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NED-35 MEANWELL-NED-35_11 Datasheet
403Kb / 2P
   NED-35_11
More results

Similar Description - NED-35_10

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
NED-35 TOTAL-POWER-NED-35 Datasheet
414Kb / 2P
   35W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
RD-35 MEANWELL-RD-35_10 Datasheet
382Kb / 2P
   35W Dual Output Switching Power Supply
logo
RSG Electronic Componen...
RD-35 RSG-RD-35 Datasheet
151Kb / 2P
   35W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
NED-35 MEANWELL-NED-35 Datasheet
401Kb / 2P
   35W Dual Output Switching Power Supply
RD-35 MEANWELL-RD-35_11 Datasheet
382Kb / 2P
   35W Dual Output Switching Power Supply
logo
Astrodyne Corporation
RD35 ASTRODYNE-RD35 Datasheet
296Kb / 4P
   35W Dual Output Switching Power Supply
logo
Total Power Internation...
RD-35 TOTAL-POWER-RD-35 Datasheet
441Kb / 2P
   35W Dual Output Switching Power Supply
logo
Astrodyne Corporation
RD-35 ASTRODYNE-RD-35 Datasheet
450Kb / 2P
   35W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
RD-35 MEANWELL-RD-35 Datasheet
373Kb / 2P
   35W Dual Output Switching Power Supply
logo
Astrodyne Corporation
RS-35 ASTRODYNE-RS-35 Datasheet
448Kb / 2P
   35W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com