Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMFB23 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # SMFB23
Description  SCHOTTKY BARRIER TYPE DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

SMFB23 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  SMFB23 Datasheet HTML 1Page - KEC(Korea Electronics) SMFB23 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2008. 9. 11
2/2
SMFB23
Revision No : 2
I
- V
FF
F
FORWARD VOLTAGE V
(V)
NUMBER OF CYCLES
1
0
10
20
40
30
10
SURGE FORWARD CURRENT
(NON - REPETITIVE)
100
Ta=25 C
f=60Hz
P
- I
F(AV)
F(AV)
F(AV)
AVERAGE FORWARD CURRENT I
(A)
0
0
0.1
0.2
0.3
0.4
0.5
0.7
0.6
0.4
0.8
1.2
1.6
2.4
2.0
RECTANGULAR
RECTANGULAR
WAVEFORM
CONDUCTION
ANGLE
α
CONDUCTION
ANGLE
α
0
α
α=60
α
360
α=60
120
120
180
180
DC
DC
Ta - I F(AV)
F(AV)
AVERAGE FORWARD CURRENT I
(A)
0
0
20
40
100
80
60
120
140
0.4
0.8
1.6
1.2
2.0
2.4
ON A GRASS-EPOXY
BOARD
WAVEFORM
0
V =15V
R
360
0
0.1
0.2
0.4
0.3
0.5
0.6
0.8
0.7
10
0.01
0.03
0.05
0.1
0.3
0.5
1
3
5
T =125 C
25 C
j


Similar Part No. - SMFB23

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
SMFB23 KEC-SMFB23 Datasheet
437Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMFB23 KEC-SMFB23 Datasheet
579Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMFB23H KEC-SMFB23H Datasheet
40Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMFB23L KEC-SMFB23L Datasheet
36Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMFB23L KEC-SMFB23L Datasheet
582Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
More results

Similar Description - SMFB23

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR735T KEC-KDR735T Datasheet
34Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMAB14 KEC-SMAB14_08 Datasheet
218Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMAB34 KEC-SMAB34_07 Datasheet
436Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
USFB13A KEC-USFB13A Datasheet
437Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMBB34 KEC-SMBB34 Datasheet
438Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBR10100CT KEC-MBR10100CT Datasheet
441Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRD10U100CT KEC-MBRD10U100CT Datasheet
43Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF10U100CTA KEC-MBRF10U100CTA Datasheet
375Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF10U200CTA KEC-MBRF10U200CTA Datasheet
44Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF560CT KEC-MBRF560CT_08 Datasheet
45Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com