Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UB26NKG015D-CB Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # UB26NKG015D-CB
Description  Low Profile Pushbuttons
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

UB26NKG015D-CB Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  UB26NKG015D-CB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. UB26NKG015D-CB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. UB26NKG015D-CB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. UB26NKG015D-CB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. UB26NKG015D-CB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. UB26NKG015D-CB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. UB26NKG015D-CB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. UB26NKG015D-CB Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. UB26NKG015D-CB Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Series UB
Low Profile Pushbuttons
www.nkk.com
D82
D
LED COLORS & SPECIFICATIONS
The electrical specifications shown are determined at a basic temperature of 25°C. LED circuit is isolated and requires external power
source. Polarity marks are on bottom of switch. If the source voltage exceeds the rated voltage, a ballast resistor is required. Resistor
value can be calculated by using the formula in the Supplement section. LED is an integral part of switch and not available separately.
Bright
Super Bright
Color
Red
Amber
Green
White
Green
Blue
Unit
Forward Peak Current
I
FM
30
30
25
30
30
30
mA
Continuous Forward Current
I
F
20
20
20
20
20
20
mA
Forward Voltage
V
F
1.85
2.0
2.1
3.2
3.2
3.2
V
Reverse Peak Voltage
V
RM
5
5
5
5
5
5
V
Current Reduction Rate Above 25°C
∆I
F
0.40
0.42
0.46
0.40
0.40
.040
mA/°C
Ambient Temperature Range
–25° ~ +50°C
–25° ~ +50°C
5C
5D
5F
6F
6G
Super Bright LEDs are
Electrostatic Sensitive
(+)
(-)
6B
ATTENTION
ELECTROSTATIC
SENSITIVE DEVICES
CAP TYPES & COLOR COMBINATIONS
Full Face Illuminated Cap for Bright LED
Cap/Window Colors Available:
Lens/Diffuser
Colors Available for Rectangular Cap:
AT4074
Lens
AT4117
Lens
AT4075
Diffuser
AT4118
Diffuser
Lens & Diffuser Material: Polycarbonate
Lens Finish: Glossy
Diffuser Finish: Textured
CB
CC
DB
DD
FB
FF
JB
JC
JD
JF
Full Face Illuminated Cap for Super Bright LED
JB
Lens/Diffuser
Colors Available for Square Cap:
AT4074 Lens & AT4075 Diffuser
(Dimensions above)
Rectangular lens & diffuser are not
available for combining with super
bright LED.
Lens & Diffuser Material: Polycarbonate
Lens Finish: Glossy
Diffuser Finish: Textured
(3.0)
.118
(12.0) Sq
.472
(0.5)
.020
(10.35) Sq
.407
(12.0)
.472
(17.0)
.669
(3.0)
.118
(15.35)
.604
(10.35)
.407
(0.5)
.020
CB
CC
CJ
DB
DD
DJ
FB
FF
FJ
JB
JC
JD
JF
JJ
Opaque Caps for Nonilluminated
Color Codes:
A Black
B White
C Red
D Amber
E Yellow
F Green
G Blue
J Clear
Material: Polycarbonate
Finish: Glossy
A
B
E
F
Cap Colors Available:
C
G
AT4116
Rectangular
AT4073
Square
(3.0)
.118
(12.0) Sq
.472
(17.0)
.669
(12.0)
.472
(3.0)
.118
AB Black Cap with Translucent
White Window for LED Display
Spot Illuminated Caps for Bright & Super Bright LEDs
Lens/Diffuser
Colors Available for Square Cap:
Material: Polycarbonate
Finish: Matte
AT4119 Square
for Bright and
Super Bright LED
(1.9)
.075
(3.1)
.122
(3.0)
.118
(17.0)
.669
(12.0)
.472
(5.0)
.197
(12.0) Sq
.472
(3.0)
.118
(3.1)
.122
(1.9)
.075
(5.0)
.197
AT4120
Rectangular
for Bright LED
No Lamp
N


Similar Part No. - UB26NKG015D-CB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB26NKG015D NKK-UB26NKG015D Datasheet
365Kb / 9P
   Low Profile Pushbuttons
More results

Similar Description - UB26NKG015D-CB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB15SKW015C NKK-UB15SKW015C Datasheet
365Kb / 9P
   Low Profile Pushbuttons
UB215SKW01N-4JA NKK-UB215SKW01N-4JA Datasheet
271Kb / 7P
   Low Profile Pushbuttons
logo
GREATECS
UB15SKG035C-CB GREATECS-UB15SKG035C-CB Datasheet
291Kb / 6P
   Low Profile Pushbuttons
logo
Nihon Kaiheiki Industry...
UB15SKG035C-CC NKK-UB15SKG035C-CC Datasheet
960Kb / 10P
   Low Profile Pushbuttons
UB215SKW015C-1JB NKK-UB215SKW015C-1JB Datasheet
404Kb / 12P
   Low Profile Pushbuttons
SB221NO NKK-SB221NO Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
logo
List of Unclassifed Man...
SB25B ETC2-SB25B Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com